Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE4150L-R Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # SE4150L-R
Description  GPS Receiver IC Preliminary Datasheet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE4150L-R Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  SE4150L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE4150L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SE4150L
GPS Receiver IC
Preliminary Datasheet
Applications
High sensitivity / low power GPS / A-GPS apps.
Personal Navigation Devices (PNDs) , mobile
phones, and GPS peripheral devices
Features
DST-00176
Rev 2.7
May-26-2009
1 of 2
Single-conversion L1-band GPS radio with
integrated IF filter
Integrated LNA with high-gain (20 dB typ.) and low
NF (0.9 dB typ.)
Integrated antenna switching with active antenna
current detection
Low cascaded system noise figure of 1.2 dB typical
2-bit SIGN & MAG digital IF output
2.7 V - 3.6 V operation
Standby current <10 µA
Fully integrated PLL synthesizer, VCO & loop filter
compatible with 16.368 MHz ref. frequency
4 x 4 x 0.9 mm 24 pin QFN
Pb-free, RoHS compliant and Halogen free
Ordering Information
Part No.
Package
Remark
SE4150L-R
24 pin QFN
Shipped in Tape & Reel
Functional Block Diagram
Product Description
The SE4150L is a highly integrated GPS receiver IC
offering high performance and low-power operation in a
wide range of low-cost applications. It is particularly
well-suited to high sensitivity L1-band GPS systems.
The SE4150L is ideal for use in GPS receivers needing
dual-antenna inputs. The SE4150L includes two RF
inputs with integrated antenna switching and external
active-antenna current detection. A high-linearity on-
chip LNA is used with one of the inputs, allowing the
SE4150L to be used in multi-function wireless systems,
without the need for additional external LNA devices. A
fully integrated image-reject low-IF mixer is used with a
linear AGC, an on-chip IF filter, and a 2-bit analogue-to-
digital converter (ADC).
The SE4150L features two gain control modes, to
optimize the performance of the LNA and mixer for
systems which either require high signal handling, or
systems which need minimal supply current.
The SE4150L synthesizer is fully integrated including
the VCO and PLL loop-filter. The synthesizer can
operate from a 16.368 MHz reference frequency,
normally with an external TCXO.
The SE4150L is optimized for operation from a 3.3 V
core power supply. It incorporates current-controlled
low-spurious output buffers which may operate from a
separate
external
supply.
Output
buffers
supply
sufficient current to drive up to 15 pF load directly.
SIGN
SE4150L
Phase /
Freq.
Detector
Quadrature
÷2
Feedback
Divider
IF Filter
~
~
~
VCO
-45°
+45°
ADC
~
AGC
Controller
IQ
VCC_TCXO
TCXO IN
VAGC
CLK_OUT
Chip
Control
RX_EN
MAG
RVI
LN
Buffer
Optional
filter
LNA_IN
ANT_SW_OUT
MIX_IN
PLL Loop
Filter
Reference
Buffer
Mix Gain
ANT1_IN
Antenna
Current
Detect
ANT_FEED
ANT_BIAS
ANT_DET
Charge
Pump
PLL
LNA
HW_0
HW_1
CLK_EN
LNA Gain
Filter Gain
To External Active
Antenna


Similar Part No. - SE4150L-R

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE4150L-R SKYWORKS-SE4150L-R Datasheet
1Mb / 26P
GPS Receiver IC Preliminary Datasheet
July 1, 2019
More results

Similar Description - SE4150L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE4100L SIGE-SE4100L Datasheet
670Kb / 2P
PointCharger??GPS Receiver IC Preliminary Information
logo
Infineon Technologies A...
CFH120 INFINEON-CFH120 Datasheet
242Kb / 20P
Preliminary Datasheet
Rev. 3.0/Jan 11th, 2002
logo
List of Unclassifed Man...
EZGPM01 ETC-EZGPM01 Datasheet
387Kb / 10P
GPS RECEIVER
logo
Princeton Technology Co...
PT9120 PTC-PT9120 Datasheet
567Kb / 18P
GPS Receiver RF Front End IC
logo
SiGe Semiconductor, Inc...
SE4100L SIGE-SE4100L Datasheet
83Kb / 2P
GPS Receiver IC
SE4110L SIGE-SE4110L Datasheet
83Kb / 2P
GPS Receiver IC
SE4110S SIGE-SE4110S Datasheet
80Kb / 2P
GPS Receiver IC
logo
Princeton Technology Co...
PT9120 PTC-PT9120_10 Datasheet
626Kb / 12P
GPS Receiver RF Front End IC
logo
List of Unclassifed Man...
GPS100 ETC2-GPS100 Datasheet
103Kb / 4P
GPS Receiver
ORG4400 ETC-ORG4400 Datasheet
1Mb / 36P
GPS RECEIVER MODULE DATASHEET
Revision 1.0 March 10, 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com