Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2597L-R Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # SE2597L-R
Description  2.4 GHz Power Amplifier with Power Detector Preliminary Information
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2597L-R Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  SE2597L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2597L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SE2597L
2.4 GHz Power Amplifier with Power Detector
Preliminary Information
Applications
DSSS 2.4 GHz WLAN (IEEE802.11b)
OFDM 2.4 GHz WLAN (IEEE802.11g)
Access Points, PCMCIA, PC cards
Features
Single 3.3 V Supply Operation
o
19 dBm, EVM = 3 %, 802.11g, OFDM 54
Mbps
o
23 dBm, ACPR < -32 dBc, 802.11b
28 dB Gain
Integrated
temperature
compensated
power
detector
Integrated power amplifier enable pin (VEN)
Lead Free, Halogen Free and RoHS compliant
Small package: 16 pin 3 mm x 3 mm x 0.9 mm
QFN
Ordering Information
Part Number
Package
Remark
SE2597L
16 Pin QFN
Samples
SE2597L-R
16 Pin QFN
Tape and Reel
SE2597L-EK1
Evaluation Kit
Standard
Product Description
The SE2597L is a 2.4 GHz power amplifier designed
for use in the 2.4 GHz ISM band for wireless LAN
applications.
The
device
incorporates
a
power
detector for closed loop monitoring of the output
power.
The SE2597L includes a digital enable control for
device on/off control.
The
SE2597L
temperature
compensated
power
detector is highly immune to mismatch at its output
with less than 1.5 dB of variation with a 2:1 mismatch.
Functional Block Diagram
Figure 1: Functional Block Diagram
DST-00211
Rev 1.3
May-29-2009
1 of 2


Similar Part No. - SE2597L-R

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
SE2590 CRYSTEKCRYSTAL-SE2590 Datasheet
104Kb / 1P
Clock Oscillator 8 Pin Dip, 2.5V, LVCMOS
SE2590-44.736 CRYSTEKCRYSTAL-SE2590-44.736 Datasheet
104Kb / 1P
Clock Oscillator 8 Pin Dip, 2.5V, LVCMOS
logo
SiGe Semiconductor, Inc...
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2590L-AK1 SIGE-SE2590L-AK1 Datasheet
76Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2590L-R SIGE-SE2590L-R Datasheet
76Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
More results

Similar Description - SE2597L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2522L SIGE-SE2522L Datasheet
378Kb / 8P
RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
SE2425U SIGE-SE2425U Datasheet
225Kb / 10P
RangeChargerTM 2.4 GHz Bluetooth Power Amplifier IC Preliminary Information
SE2525L SIGE-SE2525L Datasheet
1,000Kb / 12P
RangeCharger??2.4GHz Power Amplifier with Power Detector Preliminary Information
SE2527L SIGE-SE2527L Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary
SE2528L SIGE-SE2528L Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2567L SIGE-SE2567L Datasheet
69Kb / 2P
5 GHz Power Amplifier with Power Detector Preliminary Information
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
logo
Skyworks Solutions Inc.
SE5023L-DS SKYWORKS-SE5023L-DS Datasheet
236Kb / 11P
5 GHz, 26dBm Power Amplifier with Power Detector Preliminary Information
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com