Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2567L-R Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # SE2567L-R
Description  5 GHz Power Amplifier with Power Detector Preliminary Information
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2567L-R Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  SE2567L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2567L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SE2567L
5 GHz Power Amplifier with Power Detector
Preliminary Information
Applications
DSSS 5 GHz WLAN (IEEE802.11a)
Access Points, PCMCIA, PC cards
Features
High output power amplifier 19dBm
Integrated 50ohm input and output match
Integrated power amplifier enable pin (VEN)
Buffered, temperature compensated power
detector
3% EVM, @19dBm, 64 QAM, 54 Mbps
30 dB Gain
Lead Free and RoHS compliant, halogen free
package
16 pin 3 mm x 3 mm x 0.9 mm QFN
Ordering Information
Part Number
Package
Remark
SE2567L
16 Pin QFN
Samples
SE2567L-R
16 Pin QFN
Tape and Reel
SE2567L-EK1
Evaluation Kit
Standard
Product Description
The SE2567L is a 5GHz power amplifier offering high
linear power for wireless LAN applications.
It
incorporates
a
power
detector
for
closed
loop
monitoring and control of the output power.
The SE2567L offers a high level of integration for a
simplified design, providing quicker time to market
and higher application board production yield.
The
device integrates the input match, the inter-stage
match, a temperature compensated, load insensitive
power detector with 15dB of dynamic range and a
3.8GHz notch filter.
Two external components are
required to complete the design.
For wireless LAN applications, the device meets the
requirements
of
IEEE802.11a
and
delivers
approximately 19dBm of linear output power.
The
SE2567L
integrates
the
reference
voltage
generator, allowing for a true CMOS compatible
digital EN (enable) function to turn the power amplifier
on and off.
Functional Block Diagram
Figure 1: Functional Block Diagram
DST-00302
Rev 1.0
Aug-02-2009
1 of 2


Similar Part No. - SE2567L-R

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2567L-R SKYWORKS-SE2567L-R Datasheet
463Kb / 9P
5 GHz Power Amplifier with Power Detector Preliminary Information
September 25, 2012
More results

Similar Description - SE2567L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2522L SIGE-SE2522L Datasheet
378Kb / 8P
RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
SE2525L SIGE-SE2525L Datasheet
1,000Kb / 12P
RangeCharger??2.4GHz Power Amplifier with Power Detector Preliminary Information
SE2527L SIGE-SE2527L Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary
SE2597L SIGE-SE2597L Datasheet
70Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2537L SIGE-SE2537L Datasheet
65Kb / 2P
5 GHz Power Amplifier with Power Detector
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
logo
Skyworks Solutions Inc.
SE5023L SKYWORKS-SE5023L Datasheet
236Kb / 11P
5 GHz, 26dBm Power Amplifier with Power Detector
SE5023L-DS SKYWORKS-SE5023L-DS Datasheet
236Kb / 11P
5 GHz, 26dBm Power Amplifier with Power Detector Preliminary Information
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com