Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2595L-R Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # SE2595L-R
Description  Dual Band 802.11n Wireless LAN Front End Preliminary Information
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2595L-R Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  SE2595L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2595L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SE2595L
Dual Band 802.11n Wireless LAN Front End
Preliminary Information
Applications
802.11n, MIMO solutions
IEEE802.11b DSSS WLAN
IEEE802.11g OFDM WLAN
IEEE802.11a OFDM WLAN
Access Points, PCMCIA, PC cards
Features
1 Transmit and 1 receive path architecture for
use as MIMO building block.
All RF ports matched to 50 Ω
Integrated 2.4/5 GHz PA, 2.4/5 GHz LNA, TX
Filter, T/R switches and diplexers
Integrated Power Detector
19 dBm O/P Power, 802.11b, 11 Mbits, ACPR =
32 dBc
18 dBm @ 3.0 % EVM, 802.11g, 54 Mbits
16 dBm @ 3.0 % EVM, 802.11a, 54 Mbits
Single supply voltage: 3.3 V ± 10 %
Lead free, Halogen Free and RoHS compliant
Thin lead free plated package, 4 mm x 6 mm x
0.9 mm, MSL 3
Ordering Information
Part No.
Package
Remark
SE2595L
32 pin QFN
Samples
SE2595L-R
32 pin QFN
Tape & Reel
SE2595L-EK1
N/A
Evaluation kit
Product Description
The SE2595L is a complete 802.11n WLAN RF front-
end module providing all the functionality of the power
amplifiers, LNA, power detector, T/R switch, diplexers
and associated matching. The SE2595L provides a
complete 2.4 GHz and 5 GHz WLAN Multiple Input,
Multiple Output (MIMO) RF solution from the output of
the transceiver to the antennas in a compact form
factor.
The
receive
path
is
designed
to
maximize
performance by providing both a low noise amplifier
as well as a bypass state, for use when high power
signals are being received.
Designed for ease of use, all RF ports are matched to
50 Ω to simplify PCB layout and the interface to the
transceiver RFIC.
The SE2595L also includes a
transmitter power detector for each band with 20 dB
of dynamic range. The power ramp rise/fall time is
less than 0.5 μs.
The device also provides band pass filters for both the
a and b/g bands prior to the input of each 2.4 GHz
and 5 GHz power amplifiers, respectively.
Functional Block Diagram
Figure 1: Functional Block Diagram
DST-00201 Rev 1.6 Aug-28-2009
Confidential
1 of 2


Similar Part No. - SE2595L-R

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2595L-R SKYWORKS-SE2595L-R Datasheet
1Mb / 18P
Dual-Band 802.11n Wireless LAN Front-End
January 16, 2023
More results

Similar Description - SE2595L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
SE2545A30 SIGE-SE2545A30 Datasheet
105Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2545A23 SIGE-SE2545A23 Datasheet
105Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2593A20 SIGE-SE2593A20 Datasheet
119Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2547A SIGE-SE2547A Datasheet
104Kb / 2P
Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
SE2548A SIGE-SE2548A Datasheet
117Kb / 2P
Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
logo
Skyworks Solutions Inc.
SE2620T SKYWORKS-SE2620T Datasheet
273Kb / 13P
2.4 GHz Wireless LAN/BT Front End Preliminary
SE2620T-DS SKYWORKS-SE2620T-DS Datasheet
273Kb / 13P
SE2620T: 2.4 GHz Wireless LAN/BT Front End Preliminary
SE2593A20 SKYWORKS-SE2593A20_15 Datasheet
666Kb / 18P
Dual-Band 802.11n Wireless LAN Front-End
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com