Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ5232B Datasheet(PDF) 4 Page - PACELEADER INDUSTRIAL

Part # MMSZ5232B
Description  SURFACE MOUNT ZENER TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MMSZ5232B Datasheet(HTML) 4 Page - PACELEADER INDUSTRIAL

  MMSZ5232B Datasheet HTML 1Page - PACELEADER INDUSTRIAL MMSZ5232B Datasheet HTML 2Page - PACELEADER INDUSTRIAL MMSZ5232B Datasheet HTML 3Page - PACELEADER INDUSTRIAL MMSZ5232B Datasheet HTML 4Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.paceleader.tw
ZENER VOLTAGE (V)
FORWARD VOLTAGE (V)
PULSE LENGTH (mS)
ZENER VOLTAGE (V)
ZENER VOLTAGE (V)
FIG. 6-FORWARD CURRENT
VS. FORWARD VOLTAGE
FIG. 8-Z-CURRENT VS. Z-VOLTAGE
FIG. 10-THERMAL RESPONSE
FIG. 7-Z-CURRENT VS. Z-VOLTAGE
FIG. 9-DIFFERENTIAL Z-RESISTANCE VS. Z-VOLTAGE
0
0.001
15
0
0
0
0.1
1
0
1
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
10
20
30
40
50
20
25
30
35
10
100
1000
5
10
15
20
25
20
40
60
80
100
4
8
12
16
20
10
100
1000
1
10
100
1000
I = 1mA
Z
I = 5mA
Z
I = 10mA
Z
t / T= 0.05
p
t / T= 0.1
p
t / T= 0.2
p
t / T= 0.5
p
Single Pulse
t / T= 0.01
p
t / T= 0.02
p
P
= 200mW
tot
P
= 200mW
tot
Rating and characteristic curves (MMSZ5221 THRU MMSZ5262)
SURFACE MOUNT ZENER TYPE
SURFACE MOUNT ZENER TYPE
MMSZ5221B THRU MMSZ5262B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com