Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE7261A-R Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # SE7261A-R
Description  2.5-2.7 GHz WiMAX Front End Module Preliminary
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE7261A-R Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  SE7261A-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE7261A-R Datasheet HTML 2Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SE7261A
2.5-2.7 GHz WiMAX Front End Module
Preliminary
Applications
IEEE802.16e WiMAXTM
Mobile Computing
Features
DST-00133 Rev 2.1 October-29-2009
1 of 12
24.5 dBm output power, at 3.3V, meeting WiMAX
Forum spectral mask.
Integrated PA with step attenuator and power
detector, LNAs, TX filters, Switches
All RF ports matched to 50 Ω
Supply voltage: 2.9 V – 4.2 V
Small lead free, ROHS and halogen free
compliant package, 6 mm x 6 mm x 1.1 mm,
MSL 3
Coexistence with cellular radios
Ordering Information
Part No.
Package
Remark
SE7261A
26 pin LGA
Samples
SE7261A-R
26 pin LGA
Tape and Reel
SE7261A-EK1
Evaluation kit
Product Description
The SE7261A is a complete 2.5-2.7 GHz high
performance WiMAX Front End Module (FEM)
designed for high power efficiency, and for
coexistence with UMTS radios.
The module is designed to operate with 1 transmit
chain and 2 receive chains, supporting Wave 2
operation of WiMAX Forum certified devices.
The SE7261A integrates a power amplifier, two low
noise amplifiers, and antenna switches. It also
includes filtering for co-existence with cellular radios
Functional Block Diagram: Figure 1: Functional Block Diagram.


Similar Part No. - SE7261A-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE7262L SIGE-SE7262L Datasheet
137Kb / 2P
2.5-2.7 GHz WiMAX Power Amplifier
SE7262L-EK1 SIGE-SE7262L-EK1 Datasheet
137Kb / 2P
2.5-2.7 GHz WiMAX Power Amplifier
SE7262L-R SIGE-SE7262L-R Datasheet
137Kb / 2P
2.5-2.7 GHz WiMAX Power Amplifier
SE7265L SIGE-SE7265L Datasheet
142Kb / 2P
2.3-2.7 GHz WiMAX Power Amplifier Preliminary
SE7265L-EK1 SIGE-SE7265L-EK1 Datasheet
142Kb / 2P
2.3-2.7 GHz WiMAX Power Amplifier Preliminary
More results

Similar Description - SE7261A-R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6261R ANADIGICS-AWT6261R Datasheet
414Kb / 8P
2.5-2.7 GHz Mobile WiMAX Power Amplifier Module
07/2008
logo
SiGe Semiconductor, Inc...
SE7262L SIGE-SE7262L Datasheet
137Kb / 2P
2.5-2.7 GHz WiMAX Power Amplifier
SE7265L SIGE-SE7265L Datasheet
142Kb / 2P
2.3-2.7 GHz WiMAX Power Amplifier Preliminary
logo
Johanson Technology Inc...
2600BP14M0200 JOHANSON-2600BP14M0200 Datasheet
118Kb / 2P
2.5 - 2.7 GHz WiMAX BPF
logo
ANADIGICS, Inc
AWM6268 ANADIGICS-AWM6268 Datasheet
462Kb / 10P
2.5-2.7 GHz Mobile WiMAX/LTE Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-22103 AVAGO-MGA-22103 Datasheet
252Kb / 14P
2.5-2.7 GHz WiMAX Power Amplifi er Module
logo
Skyworks Solutions Inc.
AWM6268 SKYWORKS-AWM6268 Datasheet
738Kb / 12P
2.5-2.7 GHz Mobile WiMAX/LTE Power Amplifier Module
logo
Broadcom Corporation.
AFEM-S257 BOARDCOM-AFEM-S257 Datasheet
191Kb / 14P
2.5-2.7 GHz WiMAX Coexistence Front End Module
MGA-22103 BOARDCOM-MGA-22103 Datasheet
252Kb / 14P
2.5-2.7 GHz WiMAX Power Amplifi er Module
logo
NXP Semiconductors
BTS7202H NXP-BTS7202H Datasheet
443Kb / 23P
2.3 GHz – 2.7 GHz RX Front-End Module
Rev. 2 - 8 September 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com