Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z27VT1 Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # MM3Z27VT1
Description  SURFACE MOUNT ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MM3Z27VT1 Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  MM3Z27VT1 Datasheet HTML 1Page - PACELEADER INDUSTRIAL MM3Z27VT1 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
ELECTRICAL CHARCTERISTICS
Device
Device
Marking
Min
Min
Nom
Max
Max
MM3Z2V4 Series
SURFACE MOUNT ZENER DIODES
SURFACE MOUNT ZENER DIODES
o
(TA=25 C unless otherwise noted, VF=0.90 V Max.@IF=10mA for all types)
Zener Voltage (Note)
mA
mA
@IZT
VZ Volts
Zener Impedance
ZZT@ IZT
ZZK@ ZK
Leakage Current
IR@VR
A
Volts
VZ(mV/K)
@IZT
C
@VR=0
f=1MHz
00
01
02
05
06
07
08
09
0A
0C
0E
0F
0G
0H
0K
0L
0M
0N
0P
0T
0U
0W
0Z
10
11
12
14
18
19
20
21
1A
1C
1D
1E
1F
1G
2.2
2.5
2.8
3.1
3.4
3.7
4.0
4.4
4.8
5.2
5.8
6.4
7.0
7.7
8.5
9.4
10.4
11.4
12.4
14.3
15.3
16.8
18.8
20.8
22.8
25.1
28
31
34
37
40
44
48
52
58
64
70
2.4
2.7
3
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13.25
15
16.2
18
20
22
24.2
27
30
33
36
39
43
47
51
56
62
68
75
2.6
2.9
3.2
3.5
3.8
4.1
4.6
5
5.4
6
6.6
7.2
7.9
8.7
9.6
10.6
11.6
12.7
14.1
15.8
17.1
19.1
21.2
23.3
25.6
28.9
32
35
38
41
46
50
54
60
66
72
79
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
2
2
2
2
2
2
2
2
2
2
2
2
100
100
100
95
90
90
90
80
60
40
10
15
15
15
15
20
20
25
30
30
40
45
55
55
70
80
80
80
90
130
150
170
180
200
215
240
255
1000
1000
1000
1000
1000
1000
1000
800
500
200
100
160
160
160
160
160
160
80
80
80
80
80
100
100
120
300
300
300
500
500
500
500
500
500
500
500
500
50
20
10
5
5
3
3
3
2
1
3
2
1
0.7
0.2
0.1
0.1
0.1
0.1
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
4.0
4.0
5.0
5.0
7.0
8.0
8.0
8.0
8.0
10.5
11.2
12.6
14.0
15.4
16.8
18.9
21.0
23.2
25.2
27.3
30.1
32.9
35.7
39.2
43.4
47.6
52.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
2.7
2.0
0.4
1.2
2.5
3.2
3.8
4.5
5.4
6.0
7.0
9.2
10.4
12.4
14.4
16.4
18.4
21.4
24.4
27.4
30.4
33.4
37.6
42.0
46.6
52.2
58.8
65.6
73.4
0
0
0
0
0
2.5
0
0.2
1.2
2.5
3.7
4.5
5.3
6.2
7.0
8.0
9.0
10.0
11.0
13.0
14.0
16.0
18.0
20.0
22.0
25.3
29.4
33.4
37.4
41.2
46.6
51.8
57.2
63.8
71.6
79.8
88.6
450
450
450
450
450
450
450
260
225
200
185
155
140
135
130
130
130
130
120
110
105
100
85
85
80
70
70
70
70
45
40
40
40
40
35
35
35
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
MM3Z2V4T1
MM3Z2V7T1
MM3Z3V0T1
MM3Z3V3T1
MM3Z3V6T1
MM3Z3V9T1
MM3Z4V3T1
MM3Z4V7T1
MM3Z5V1T1
MM3Z5V6T1
MM3Z6V2T1
MM3Z6V8T1
MM3Z7V5T1
MM3Z8V2T1
MM3Z9V1T1
MM3Z10VT1
MM3Z 11VT1
MM3Z 12VT1
MM3Z 13VT1
MM3Z 15VT1
MM3Z 16VT1
MM3Z 18VT1
MM3Z 20VT1
MM3Z 22VT1
MM3Z 24VT1
MM3Z 27VT1
MM3Z 30VT1
MM3Z 33VT1
MM3Z 36VT1
MM3Z 39VT1
MM3Z 43VT1
MM3Z 47VT1
MM3Z 51VT1
MM3Z 56VT1
MM3Z 62VT1
MM3Z 68VT1
MM3Z 75VT1
o
NOTE Zener voltage is measured with a pulse test current lz at an ambient temperature of 25 C
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com