Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD411 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # PSD411
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PSD411 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  PSD411 Datasheet HTML 1Page - PACELEADER INDUSTRIAL PSD411 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
FEATURES
MECHANICAL DATA
UNITS
0C
0C
-50 to +125
-25 to +125
Volts
Volts
Volts
A
A
V
0.5
3.0
0.53
0.45
mA
o
Ratings at 25 C ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
PSD400 thru PSD411
SURFACE MOUNT SCHOTTKY BARRIER DIODES
SURFACE MOUNT SCHOTTKY BARRIER DIODES
SCHOTTKY BARRIER RECTIFIERS 0.5A MPERES 20~40 VOLTS
Low Turn-on Voltage
Fast Switching
PN Junction Guard Ring for Transient and
ESD Protection
Case
SOT-346/SC-59 Molded Plastic
Terminals
Solderable per MIL-STD-202, Method 208
Polarity See Diagrams Below
Weight 0.008gram (approx)
Mounting Position Any
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current 8.3mm Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneous Forward Voltage at 0.5A
0
Maximum DC Reverse Current TA=25 C
0
at Rated DC Blocking Voltage TA=100 C
Operating Temperature Range TJ
Storage Temperature Range TSTG
0.1
4.0
PSD411
20
14
20
PSD400
40
28
40
3
2
1
1.06(2.70)
1.22(3.10)
.051(1.30)
0.67(1.70)
.089(2.25)
1.18(3.00)
.008(0.20)
.024(0.60)
0.00
.004(0.10)
.039(1.00)
.051(1.30)
.004(0.10)
.010(0.26)
.014(0.35)
.020(0.50)
.067(1.7)
.090(2.30)
.049(1.25)
.065(1.65)
SC-59
TOP VIEW
www.paceleader.tw


Similar Part No. - PSD411

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD411A1 STMICROELECTRONICS-PSD411A1 Datasheet
657Kb / 123P
Low Cost Field Programmable Microcontroller Peripherals
31-Jan-2002
PSD411A1-C-15J STMICROELECTRONICS-PSD411A1-C-15J Datasheet
657Kb / 123P
Low Cost Field Programmable Microcontroller Peripherals
31-Jan-2002
PSD411A1-C-15L STMICROELECTRONICS-PSD411A1-C-15L Datasheet
657Kb / 123P
Low Cost Field Programmable Microcontroller Peripherals
31-Jan-2002
PSD411A1-C-15U STMICROELECTRONICS-PSD411A1-C-15U Datasheet
657Kb / 123P
Low Cost Field Programmable Microcontroller Peripherals
31-Jan-2002
PSD411A1-C-70J STMICROELECTRONICS-PSD411A1-C-70J Datasheet
657Kb / 123P
Low Cost Field Programmable Microcontroller Peripherals
31-Jan-2002
More results

Similar Description - PSD411

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
BAT400D PANJIT-BAT400D Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
WSD521G WEITRON-WSD521G Datasheet
410Kb / 4P
Surface Mount Schottky Barrier Diodes
logo
Shenzhen Luguang Electr...
RB548W LUGUANG-RB548W Datasheet
250Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103ATW LUGUANG-SD103ATW Datasheet
294Kb / 2P
Surface Mount Schottky Barrier Diodes
logo
Diode Semiconductor Kor...
SD103ATW DSK-SD103ATW Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
SUNMATE electronic Co.,...
EC31QS06 SUNMATE-EC31QS06 Datasheet
441Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com