Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD501H Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # PSD501H
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PSD501H Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  PSD501H Datasheet HTML 1Page - PACELEADER INDUSTRIAL PSD501H Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
PSD501H
SURFACE MOUNT SCHOTTKY BARRIER DIODES
SURFACE MOUNT SCHOTTKY BARRIER DIODES
0
5
10
15
20
25
30
35
100
10
1
REVERSE VOLTASGE : VR (V)
Fig.3 Capacitance between
Electrical characteristics curves (Ta=25 C unless specified otherwise)
terminals characteristics
0
25
50
75
100
125
100
80
60
40
20
0
AMBIENT TEMPERATURE : Ta ( C)
Fig. 4 Derating curve
(mounting on glass epoxy PCBs)
125 C
75 C
25 C
0
10
20
30
40
1m
10m
1
0.1
100
10
REVERSE VOLTAGE:VR (V)
Fig.2 Reverse characteristics
0
0.1
0.2
0.3
0.4
0.5
0.6
1000
100
10
1
FORWARD VOLTAGE:V F (V)
Fig.1 Forward characteristics
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com