Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD520S Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # PSD520S
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PSD520S Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  PSD520S Datasheet HTML 1Page - PACELEADER INDUSTRIAL PSD520S Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
PSD520S thru PSD521S
SURFACE MOUNT SCHOTTKY BARRIER DIODES
SURFACE MOUNT SCHOTTKY BARRIER DIODES
FORWARD VOLTAGE : VF (V)
AMBIENT TEMPERATURE : Ta (C)
Fig 1. De rating curve
(mounting on glas s e poxy PCBs )
REVERS E VOLTAGE : VR(V)
REVERS E VOLTAGE : VR(V)
0S/
PSD52
1S
PSD52
0S/
PSD52
1S
PSD52
Fig. 4 Capacitance between
terminals characteristics
Fig. 2 Forward characteristics
Fig. 3 Reverse characteristics
Electrical characteristic curves (Ta = 25 C)
0S/
PSD52
1S
PSD52
RATING AND CHARACTERISTICS CURVES PSD520S THRU PSD521S
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com