Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD706 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # PSD706
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PSD706 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  PSD706 Datasheet HTML 1Page - PACELEADER INDUSTRIAL PSD706 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
FEATURES
DESCRIPTION
o
MAXIMUM RATING (TJ=25 C unless otherwise noted)
o
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
UNITS
SYMBOL
0C
0C
mA
mA
-55 to +125
-55 to +150
CHARACTERISTICS
Volts
CHARACTERISTICS
These schottky barrier diodes are designed for high
speed Switching applications circuit protection, and
voltage clamping, Extremely low forward voltage
reduces conduction loss, Miniature surface mount
package is excellent for hand held and Portable
applications where space is limited
VR
IFSM
TJ
Tstg
PSD705 thru PSD706
SURFACE MOUNT SCHOTTKY BARRIER DIODES
SURFACE MOUNT SCHOTTKY BARRIER DIODES
IF(AV)
SMALL SIGNAL SCHOTTKY DIODES 30m AMPERES 40 VOLTS
Extremely Fast Switching Speed
Low Forward Voltage
Very Small Conduction Losses
Schottky Barrier Diodes Encapsulated
in a SOT-23 Package
Reverse Voltage
Average Rectified Forward Current
Peak Rectified Forward Current Rated VR, Square Wave,
20KHz
Operating Junction Temperature Range
Storage Temperature Range
PSD705 / PSD706
40
30
200
Reverse Breakdown Voltage (IR = 100 A)
Forward Voltage
IF = 1.0mA
Total Capacitance
(VR = 1.0V, f = 1.0MHz)
Reverse Leakage
VR = 10V
UNITS
SYMBOL
VF
IR
Min
Max
Volts
40
V(BR)R
Volts
Adc
CT
Typ
2.0
0.37
1.0
pF
Device Marking
Item
PSD705
PSD706
Eqivalent Circuit diagram
1
2
3
1
2
3
SOT-23
.018(0.46)
.039(1.00)
.0118(0.30)
.024(0.61)
0.0004(0.01)
.005(0.13)
TOP VIEW
.014(0.35)
.020(0.51)
)
(
)
9
1
.
1
(
7
4
0
.
)
4
.
1
(
5
5
0
.
.003(0.076)
.0098(0.25)
.035(0.89)
.043(1.10)
1.06(2.70)
1.22(3.10)
.067(1.70)
.083(2.10)
.033(0.85)
.041(1.05)
0
1
.
2
3
8
0
)
0
.
3
(
8
1
.
1
www.paceleader.tw


Similar Part No. - PSD706

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
PSD706 PACELEADER-PSD706 Datasheet
358Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results

Similar Description - PSD706

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
BAT400D PANJIT-BAT400D Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
WSD521G WEITRON-WSD521G Datasheet
410Kb / 4P
Surface Mount Schottky Barrier Diodes
logo
Shenzhen Luguang Electr...
RB548W LUGUANG-RB548W Datasheet
250Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103ATW LUGUANG-SD103ATW Datasheet
294Kb / 2P
Surface Mount Schottky Barrier Diodes
logo
Diode Semiconductor Kor...
SD103ATW DSK-SD103ATW Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
SUNMATE electronic Co.,...
EC31QS06 SUNMATE-EC31QS06 Datasheet
441Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com