Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD751H Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # PSD751H
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PSD751H Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  PSD751H Datasheet HTML 1Page - PACELEADER INDUSTRIAL PSD751H Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SURFACE MOUNT SCHOTTKY BARRIER DIODES
SURFACE MOUNT SCHOTTKY BARRIER DIODES
www.paceleader.tw
PSD751H
Electrical Characteristic Curves (Ta=25 C Unless Specified Otherwise)
Ta=125 C
Ta=75 C
Ta=25 C
Ta=-25 C
Typ.
pulse measurement
0
5
10
15
20
25
30
35
REVERSE VOLTAGE: VR(V)
FIG 2. Reverse Characteristics
100µ
10µ
1µ
100n
10n
1n
Ta=75 C
Ta=25 C
Ta= -25 C
0
0.2 0.40
0.6
0.8
1.0
1.2
1.4
FORWARD VOLTAGE :VF (V)
Fig 1.Forward Characteristics
1000m
100m
10m
1m
100µ
10µ
1µ
Typ.
pulse measurement
Ta=25 C
f=1MHz
0
2
4
6
8
10
12
14
100
50
20
10
5
2
1
REVERSE VOLTAGE:VR(V)
FIG. 3 Capacitance Between
Terminal Chacteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com