Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSL12 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # PSL12
Description  SILICON EPITAXIAL PLANER TYPE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PSL12 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  PSL12 Datasheet HTML 1Page - PACELEADER INDUSTRIAL PSL12 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
FEATURES
MECHANICAL DATA
PSL12 thru PSL14
SILICON EPITAXIAL PLANER TYPE
SILICON EPITAXIAL PLANER TYPE
Low VF Chip Schottky Diodes
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0 Ufizing Flame
Retardant Epoxy Molding Compound.
For surface mounted applications.
Exceeds environmental standards of ML-S-19500/228
Low leakage current
Case JEDEC D0-214AC/SMA molded plastic
Terminals Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity Indicated by cathode band
Mounting Position Any
Weight 0.05gram
o
MAXIMUM RATINGS (at TA=25 C unless otherwise noted)
UNITS
SYMBOL
IO
IR
IFSM
CJ
RJA
TSTG
Min.
Typ.
Max.
PARAMETER
CONDITIONS
-55
80
130
1.0
30
1.0
10
+150
mA
mA
A
A
0C / W
pF
0C
SYMBOLS
MARKING CODE
Operating Temperature
0
(C)
-55 to + 125
8.3ms Single Half Sine-Wave Superimposed
on Rated Load (JEDEC Method)
0
VR=VRRM TA=25 C
0
VR=VRRM TA=100 C
Junction to ambient
F=1MHz and applied 4vDC reverse voltage
See Fig.2
*1 Repetitive peak reverse peak reverse
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
20
30
40
14
21
28
20
0.38
30
0.40
40
0.40
PSL12
PSL13
PSL14
SL12
SL13
SL14
*1
VRRM
(V)
*2
VRMS
(V)
*3
VR
(V)
*4
VF
(V)
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Diode junction capacitance
Storage temperature
SMA/DO-214AC
0.189(4.8)
0.165(4.2)
0.012(0.3) Typ .
0.106(2.7)
0.091(2.3)
0.165(4.2)
0.150(3.8)
0.071(1.8)
0.055(1.4)
0.040 (1.0) Typ .
0.040(1.0) Typ .
Dimensions in inches and (millimeters)
www.paceleader.tw


Similar Part No. - PSL12

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
PSL12 DBLECTRO-PSL12 Datasheet
365Kb / 2P
Monostable or bistable relays Single and double Coil magnet latching Type available
logo
PACELEADER INDUSTRIAL
PSL12-M PACELEADER-PSL12-M Datasheet
271Kb / 2P
SILICON EPITAXIAL PLANER TYPE
PSL12-MH PACELEADER-PSL12-MH Datasheet
272Kb / 2P
SILICON EPITAXIAL PLANER TYPE
PSL12-N PACELEADER-PSL12-N Datasheet
260Kb / 2P
SILICON EPITAXIAL PLANER TYPE
logo
Power-One
PSL126-7R POWER-ONE-PSL126-7R Datasheet
59Kb / 4P
6...12 A Switching Regulators
More results

Similar Description - PSL12

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
MA357J PANASONIC-MA357J Datasheet
22Kb / 2P
Silicon epitaxial planer type
MA360J PANASONIC-MA360J Datasheet
22Kb / 2P
Silicon epitaxial planer type
MA367 PANASONIC-MA367 Datasheet
23Kb / 2P
Silicon epitaxial planer type
logo
PACELEADER INDUSTRIAL
PSL22 PACELEADER-PSL22 Datasheet
262Kb / 2P
SILICON EPITAXIAL PLANER TYPE
PSL22-MH PACELEADER-PSL22-MH Datasheet
272Kb / 2P
SILICON EPITAXIAL PLANER TYPE
logo
SHENZHEN YONGERJIA INDU...
DLS120 WINNERJOIN-DLS120 Datasheet
121Kb / 2P
Silicon epitaxial planer type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com