Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGL34A Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # RGL34A
Description  SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

RGL34A Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  RGL34A Datasheet HTML 1Page - PACELEADER INDUSTRIAL RGL34A Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
RGL34A thru RGL34M
FEATURES
MECHANICAL DATA
UNITS
0C
0C
-65 to +150
-65 to +150
pF
nS
SYMBOL
Volts
Volts
Volts
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
0.5
30
1.3
TJ
TRR
TSTG
5.0
100
150
250
500
15
A
RGL
34A
50
35
50
RGL
34B
100
70
100
RGL
34D
200
140
200
RGL
34G
400
280
400
RGL
34J
600
420
600
RGL
34K
800
560
800
RGL
34M
1000
700
1000
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
Ldeal for surface mounted applications
Easy pick and place
Low leakage current
Glass passivated chips
Metallurgically bonded construction
High temperature soldering guaranteed
o
250 C/10 seconds/.375
, (9.5mm) lead lengths
Case
Molded plastic use UL94V-0 recoqnized
flame retardant epoxy
Terminals
Plated terminals, solderable per
MIL-STD-202, Method208
Polarity Red Color band on body denotes cathode
Mounting position
Any
Weight 0.036gram
o
Ratings at 25 C ambient temp. unless otherwise specified
Single phase, half sine wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
Maximum Current Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
0
Maximum Average Forward Rectified Current TT=60 C
Peak Forward Surge Current Single Sine-Wave on Rated
Load (JEDEC Method)
Maximum Instantaneous Forward Voltage Drop at 0.5A DC
0
Maximum DC Reverse Current @TA=25 C
0
at Rated DC Blocking Voltage TA=125 C
Maximum Reverse Recovery Time
Typical Junction Capacitance
Operating Junction Temperature Range
Storage Temperature Range
NOTES
1. Reverse Recovery Test Conditions IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C
SOLDERABLE ENDS
0.022(0.559)
0.016(0.406)
0.145(3.683)
0.066(1.676)
+0
-0.008(0.20)
CATHODE BAND
D1=
D2=D1
0.131(3.327)
0.060(1.524)
D2
Dimension in inches (millimeters )
DO-213AA / MINI MELF
www.paceleader.tw


Similar Part No. - RGL34A

ManufacturerPart #DatasheetDescription
logo
Dc Components
RGL34A DCCOM-RGL34A Datasheet
421Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
General Semiconductor
RGL34A GE-RGL34A Datasheet
80Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Micro Commercial Compon...
RGL34A MCC-RGL34A Datasheet
352Kb / 2P
0.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
RGL34A DIOTEC-RGL34A Datasheet
228Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
RGL34A SEMIKRON-RGL34A Datasheet
109Kb / 2P
Fast silicon rectifier diodes
More results

Similar Description - RGL34A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PG300R PANJIT-PG300R_05 Datasheet
424Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
PG600R PANJIT-PG600R_05 Datasheet
39Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
PG150R PANJIT-PG150R_04 Datasheet
57Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
logo
GOOD-ARK Electronics
RGP10A GOOD-ARK-RGP10A Datasheet
165Kb / 2P
Glass Passivated Junction Fast Switching Rectifiers
logo
Pan Jit International I...
PG150R PANJIT-PG150R_09 Datasheet
69Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
PG200R PANJIT-PG200R_09 Datasheet
67Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
PG600R PANJIT-PG600R_09 Datasheet
67Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
logo
Leshan Radio Company
FR307PG LRC-FR307PG_15 Datasheet
207Kb / 7P
Glass Passivated Junction Fast Switching Rectifiers
RGP10MA LRC-RGP10MA_15 Datasheet
176Kb / 7P
Glass Passivated Junction Fast Switching Rectifiers
RGP15MA LRC-RGP15MA_15 Datasheet
533Kb / 7P
Glass Passivated Junction Fast Switching Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com