Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGL341A Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # RGL341A
Description  SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

RGL341A Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  RGL341A Datasheet HTML 1Page - PACELEADER INDUSTRIAL RGL341A Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
RGL341A thru RGL341M
FEATURES
MECHANICAL DATA
UNITS
0C
-55 to +150
pF
nS
SYMBOL
Volts
Volts
Volts
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
1.0
10
1.3
TJ
TSTG
TRR
5.0
100
15
A
RGL
341A
50
35
50
RGL
341B
100
70
100
RGL
341D
200
140
200
RGL
341G
400
280
400
RGL
341J
600
420
600
RGL
341K
800
560
800
RGL
341M
1000
700
1000
o
Ratings at 25 C ambient temp. unless otherwise specified
Single phase, half sine wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING RECTIFIERS
SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING RECTIFIERS
Ldeal for surface mounted applications
Low leakage current
Glass passivated chips
Fast switching
High temperature soldering guaranteed
o
250 C/10 seconds/.375
, (9.5mm) lead lengths
Case
Molded plastic use UL94V-0 recoqnized
flame retardant epoxy
Terminals
Plated terminals, solderable per
MIL-STD-202, Method208
Polarity Red Color band on body denotes cathode
Mounting position
Any
Weight 0.036gram
Maximum Current Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
0
Maximum Average Forward Rectified Current TT=55 C
Peak Forward Surge Current Single Sine-Wave on Rated
Load (JEDEC Method)
Maximum Instantaneous Forward Voltage Drop at 1.0A DC
0
Maximum DC Reverse Current @TA=25 C
0
at Rated DC Blocking Voltage TA=125 C
Maximum Reverse Recovery Time, Time,Test Conditions
IF=0.5A, IR=1.0A , IRR=0.25A
Typical Junction Capacitance
Operating Junction and Storage Temperature Range
150
250
500
SOLDERABLE ENDS
0.022(0.559)
0.016(0.406)
0.145(3.683)
0.066(1.676)
+0
-0.008(0.20)
CATHODE BAND
D1=
D2=D1
0.131(3.327)
0.060(1.524)
D2
Dimension in inches (millimeters )
DO-213AA / MINI MELF
www.paceleader.tw


Similar Part No. - RGL341A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
RGL341A LUGUANG-RGL341A Datasheet
212Kb / 2P
Surface Mount Rectifiers
More results

Similar Description - RGL341A

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
FM4933 PACELEADER-FM4933 Datasheet
445Kb / 2P
SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING RECTIFIERS
FSM101 PACELEADER-FSM101 Datasheet
414Kb / 2P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RGL34A PACELEADER-RGL34A Datasheet
147Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
logo
Shenzhen Taychipst Elec...
FM4933 TAYCHIPST-FM4933 Datasheet
4Mb / 2P
SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING RECTIFIERS
logo
Leshan Radio Company
EFM107 LRC-EFM107_15 Datasheet
173Kb / 4P
Surface Mount Glass Passivated Super Fast Rectifiers
EFMAF108 LRC-EFMAF108_15 Datasheet
242Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers
FFMA207 LRC-FFMA207_15 Datasheet
229Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers
logo
HY ELECTRONIC CORP.
RS3A HY-RS3A_17 Datasheet
155Kb / 3P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
GOOD-ARK Electronics
SMBF202F GOOD-ARK-SMBF202F Datasheet
392Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifiers
logo
Shenzhen Yixinwei Techn...
RS2A YIXIN-RS2A_08 Datasheet
209Kb / 2P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com