Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS2AB Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # RS2AB
Description  FAST SWITCHING SURFACE MOUNT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

RS2AB Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  RS2AB Datasheet HTML 1Page - PACELEADER INDUSTRIAL RS2AB Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATING AND CHARACTERISTICS CURVES RS2AB THRURS2MB
FAST SWITCHING SURFACE MOUNT RECTIFIER
FAST SWITCHING SURFACE MOUNT RECTIFIER
SET TIME
BASE FOR
10ns/cm
1cm
-1.0
-0.25
0
+0.5A
trr
100
50
10
5
1
5
10
50
100
REVERSE VOLTAGE, VOLTS
Fig. 5 - TYPICAL JUNCTION CHARACTERISTICS
0
T =25C
J
f=1.0MHz
Vsig=50mVp-p
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
50
Noninductive
1
NON-
Inductive
NOTES:1. Rise Time=7ns max.
Input Impedance=1 megohm. 22pF
2. Rise Time=10ns max.
Source Impedance=50 Ohms.
10
Noninductive
D.U.T.
OSCILLOSCOPE
NOTE 1
PULSE
GENERATOR
NOTE 2
25 Vdc
(approx)
(+)
(+)
()
()
Fig. 6 - REVERSE RECOVERY TIME CHARACTERISTIC
AND TEST CIRCUIT DIAGRAM
Fig. 4 - TYPICAL REVERSE CHARACTERISTICS
RESISTIVE OR
INDUCTIVE LOAD
2
P.C. Board mounted on 8.0mm
COPPER LAND AREAS
2.0
1.5
1.0
0.5
0
50
60
70
80
90 100 110 1 20 130 140 150
Fig. 1 - FORWARD CURRENT DERATING CURVE
o
LEAD TEMPERATURE, C
Fig. 2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
2
5
10
20
50
100
60
100
10
1.0
0.1
50
40
30
20
10
8.3ms Single Half Since-Wave
JEDEC Method
Fig. 3 - FORWARD CHARACTERISTICS
0
T =25C
J
TYPICAL
10
0.1
1
0.01
0
.2
.4
.6
.8
1.0
1.2
1.4
1.6
0
TA=125C
0
TA=25C
www.paceleader.tw
RS2AB thru RS2MB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com