Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2D Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # S2D
Description  SURFACE MOUNT STANDARD RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

S2D Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  S2D Datasheet HTML 1Page - PACELEADER INDUSTRIAL S2D Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fig. 3 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF PEAK REVERSE VOLTAGE, %
0
20
40
140
60
80
100 120
0.1
1
10
100
0.01
0.001
0
T =125C
J
0
T =75C
J
0
T =25C
J
Fig. 4 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
0.02
0.01
0.05
0.1
0.2
0.5
1
2
5
10
100
20
50
1.2
1.4
1.6 1.8
2
1
0.8
0.6
0.4
100
Fig. 5 - TRANSIENT THERMAL IMPEDANCE
HEATING TIME (SEC)
50
10
5
2
1
20
100
1,000
200
500
10
1
0.1
0.01
Units Mounted on
2
2
20in (5.4mm)+0.5m il
inches (0.013mm)
Thick Copper Land Areas
100
0.1
0.01
1
10
50
20
10
5
2
1
100
0
T =25C
J
f=1.0MHz
Vsig=50m Vp-p
Fig. 6 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, (V)
0
LEAD TEMPERATURE, C
Fig. 1 - FORWARD CURRENT DERATING CURVE
1.6
2.0
2.4
0.8
0.4
0
1.2
40
20
0
60
80
100
120
140
160
SINGLE PHASE
HALF WAVE
60Hz
RESISTIVE OR
INOUCTIVE LOAD
P.C.B MOUNTED
ON 0.3x0.3"(8.0x8.0mm)
COPPER PAD AREAS
1.0
2.0
4.0 6.0
10
20
40
60
100
Fig. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
5
10
20
30
40
50
60
10 CYCLE
o
TA = 55 C
Single Sine-Wave
JEDEC Method
2
RATINGS AND CHARACTERISTIC CURVES S2A THRU S2M
S2A thru S2M
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com