Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5AC Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # S5AC
Description  SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

S5AC Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  S5AC Datasheet HTML 1Page - PACELEADER INDUSTRIAL S5AC Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATINGS AND CHARACTERISTIC CURVES S5AC THRU S5MC
S5AC thru S5MC
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
0
25
50
75
100
125
150
1.0
2.0
3.0
5.0
4.0
Resistive or
Inductive load
0.01
0.1
1.0
10
100
1000
0
20
40
60
80
100
120
140
T =125 C
j
T =25 C
j
0
20
40
1
10
100
60
80
100
120
Single Half Sine-Wave
(JEDEC Method)
0.01
0.1
1.0
10
0
0. 4
0.8
T - 25 C
j
1. 2
1. 6
2.0
O
T , TERMINAL TEMPERATURE ( C)
T
Fig. 1 Forward Current Derating Curve
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics
O
O
O
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Forward Surge Current Derating Curve
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com