Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3JB Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # S3JB
Description  SURFACE MOUNT STANDARD RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

S3JB Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  S3JB Datasheet HTML 1Page - PACELEADER INDUSTRIAL S3JB Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATINGS AND CHARACTERISTIC CURVES S3AB THRU S3MB
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
Fig. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
0
LEAD TEMPERATURE, C
Fig. 1 - FORWARD CURRENT DERATING CURVE
2.0
2.5
3.0
1.0
0.5
0
1.5
70
60
50
80
90 100 110 120 130 140 150
SINGLE PHASE
HALF WAVE
60Hz
RESISTIVE OR
INOUCTIVE LOAD
P.C.B MOUNTED
ON 0.315x0.315"(8.0x8.0mm)
COPPER PAD AREAS
NUMBER OF CYCLES AT 60 Hz
1
5
10
50
100
10
50
200
100
8.3ms Single Half Sine Wave
JEDEC Method
Fig. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
.01
.03
0.1
0.3
1.0
3.0
10
30
100
1.2
1.1
1.3
1.0
0.8
0.9
0.6
0.7
Pulse Width-300 s
2% DUTY CYCLE
0
T =25C
J
100
50
1
5
10
50
10
5
100
0
T =25C
J
Fig. 4 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE(V)
Fig. 5 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE
0
20
40
140
60
80
100
120
0.1
1.0
10
100
0
T =125C
J
0
T =25C
J
www.paceleader.tw
S3AB thru S3MB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com