Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3MC Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # S3MC
Description  SURFACE MOUNT STANDARD RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

S3MC Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  S3MC Datasheet HTML 1Page - PACELEADER INDUSTRIAL S3MC Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
S3AC thru S3MC
FEATURES
MECHANICAL DATA
VOLTAGE - 50 TO 1000 VOLTS
CURRENT - 3.0 AMPERES
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
UNITS
0C
pF
-55 to +150
A
SYMBOL
Volts
Volts
Volts
Amps
Amps
Volts
0C / W
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
R JA
R JL
CJ
TJ
TSTG
TRR
3.0
100
53
1.2
5
250
13
47
2.5
o
Ratings at 25 C ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
NOTES
1. Reverse Recovery Test Conditions IF=0.5A, IR=1.0A, IRR=0.25A.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 volts
2
3. 8.0mm (0.13mm thick) land areas.
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
For surface mount applications
Glass passivated junction
Low profile package
Built-in strain relief
Easy pick and place
Low forward voltage drop
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
High temperature soldering
o
260 C/10 seconds at terminsls
SMC/DO-214AB
Dimensions in inches and (millimeters)
.002(.051)
.008(.203)
.006(.152)
.012(.305)
.305(7.75)
.320(8.13)
.079(2.00)
.103(2.62)
.030(0.76)
.050(1.27)
.260(6.60)
.280(7.11)
.220(5.59)
.245(6.22)
.108(2.75)
.128(3.25)
Case JEDEC DO-214AB molded plastic
Terminals Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity Indicated by cathode band
Standard Package 12mm tape (EIA STD EIA-481)
Weight 0.007 ounce, 0.21gram
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
0
Maximum Average Forward Rectified Current at TL =75 C
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneous Forward Voltage at 3.0A
0
Maximum DC Reverse Current (NOTE 1)TA=25 C
0
at Rated DC Blocking Voltage TA=125 C
Typical Reverse Recovery Time (NOTE 1)
Maximum Thermal Resistance (NOTE 2)
Typical Junction Capacitance (NOTE 3)
Operating and Storage Temperature Range
S3AC
S3BC
S3DC
S3GC
S3JC
S3KC
S3MC
nS
www.paceleader.tw


Similar Part No. - S3MC

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
S3MC LRC-S3MC Datasheet
219Kb / 3P
Surface Mount Glass Passivated Rectifiers Reverse Voltage 1000V Forward Current 3.0A
logo
Shanghai Yint Electroni...
S3MC YINT-S3MC Datasheet
495Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
Microdiode Semiconducto...
S3MC CHENDA-S3MC Datasheet
1Mb / 3P
SURFACE MOUNT GENERAL RECTIFIER
logo
Dongguan Pingjingsemi T...
S3MC-PJ PJSEMI-S3MC-PJ Datasheet
512Kb / 3P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
logo
Galaxy Semi-Conductor H...
S3MCF BILIN-S3MCF Datasheet
473Kb / 4P
Surface Mount Rectifiers
Rev.B
More results

Similar Description - S3MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MRA4003T3 ONSEMI-MRA4003T3 Datasheet
54Kb / 4P
Surface Mount Standard Recovery Power Rectifier
July, 2004 ??Rev. 3
logo
PACELEADER INDUSTRIAL
FM4001 PACELEADER-FM4001 Datasheet
121Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001-M PACELEADER-FM4001-M Datasheet
268Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001-MH PACELEADER-FM4001-MH Datasheet
269Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S1AB PACELEADER-S1AB Datasheet
253Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S2A PACELEADER-S2A Datasheet
123Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S2AB PACELEADER-S2AB Datasheet
129Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S3AB PACELEADER-S3AB Datasheet
127Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
ON Semiconductor
MRS1504T3G ONSEMI-MRS1504T3G_12 Datasheet
111Kb / 5P
Surface Mount Standard Recovery Power Rectifier
July, 2012 ??Rev. 6
logo
Diodes Incorporated
S1MSWFM DIODES-S1MSWFM Datasheet
494Kb / 5P
1.0A SURFACE MOUNT STANDARD RECOVERY RECTIFIER
Rev. 3 - 2 October 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com