Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5MC Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # S5MC
Description  SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

S5MC Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  S5MC Datasheet HTML 1Page - PACELEADER INDUSTRIAL S5MC Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
S5AC thru S5MC
FEATURES
MECHANICAL DATA
VOLTAGE - 50 TO 1000 VOLTS
CURRENT - 5.0 AMPERES
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
UNITS
0C
pF
-65 to +150
A
SYMBOL
Volts
Volts
Volts
Amps
Amps
Volts
0C / W
VRRM
VRMS
VDC
I(AV)
IFSM
VFM
IR
R JT
CJ
TJ
TSTG
5.0
100
10
1.15
10
250
40
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
SMC/DO-214AB
Dimensions in inches and (millimeters)
.002(.051)
.008(.203)
.006(.152)
.012(.305)
.305(7.75)
.320(8.13)
.079(2.00)
.103(2.62)
.030(0.76)
.050(1.27)
.260(6.60)
.280(7.11)
.220(5.59)
.245(6.22)
.108(2.75)
.128(3.25)
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Glass Passivated Die Construction
Low Forward Voltage Drop and High Current Capability
Surge Overload Rating to 100A Peak
Ldeally Suited for Automated Assembly
Case Molded plastic
Case Molded UL flammability rating
classification 94V-0
Moisture sensitivity Level 1 per J-STD-020A
Terminals Solder plated Terminal-solderable per
MIL-SRD-202, Method 208
Polarity Cathode band or cathode notch
Weight 0.21grams (approx)
Ordering Information See Page 2
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
0
Average Rectified Output Current at TT =75 C
0
Maximum DC Reverse Current (NOTE 1) TA=25 C
0
at Rated DC Blocking Voltage TA=125 C
Maximum Thermal Resistance (NOTE 2)
Operating and Storage Temperature Range
S5AC
S5BC
S5DC
S5GC
S5JC
S5KC
S5MC
NOTES
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 volts
2
2. Thermal Resistance Junction to Terminal, unit mounted on PC board with 5.0mm (0.013mm thick) copper pads as Heat Sink.
Non-Repetitive Peak Forward Surge Current 8.3ms Single
Half Sine-Wave Superimposed on Rated Load (JEDEC Method)
Forward Voltage @IF= 5.0A
Typical Thermal Resistance, Junction to Terminal (NOTE 2)
www.paceleader.tw


Similar Part No. - S5MC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S5MC DIODES-S5MC Datasheet
47Kb / 2P
5.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16007 Rev. 4 - 2
S5MC DIODES-S5MC Datasheet
82Kb / 3P
5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16007 Rev. 7 - 2
logo
Galaxy Semi-Conductor H...
S5MC BILIN-S5MC Datasheet
89Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Diodes Incorporated
S5MC DIODES-S5MC Datasheet
101Kb / 4P
5.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16007 Rev. 9 - 2
logo
Shenzhen Luguang Electr...
S5MC LUGUANG-S5MC Datasheet
172Kb / 2P
Surface Mount Rectifiers
More results

Similar Description - S5MC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GF1A VISHAY-GF1A_11 Datasheet
81Kb / 4P
Surface Mount Glass Passivated Rectifier
15-Mar-11
logo
Tiger Electronic Co.,Lt...
S1A TGS-S1A Datasheet
51Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
S3A TAYCHIPST-S3A Datasheet
14Mb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
S2A KISEMICONDUCTOR-S2A Datasheet
5Mb / 2P
Surface Mount Glass Passivated Rectifier
logo
Vishay Siliconix
S1M-E3-61T VISHAY-S1M-E3-61T Datasheet
83Kb / 4P
Surface Mount Glass Passivated Rectifier
11-Dec-12
S2M-E3-52T VISHAY-S2M-E3-52T Datasheet
86Kb / 4P
Surface Mount Glass Passivated Rectifier
22-Mar-12
S2G-E3-52T VISHAY-S2G-E3-52T Datasheet
86Kb / 4P
Surface Mount Glass Passivated Rectifier
22-Mar-12
logo
Jinan Jingheng (Group) ...
LL4001G JINANJINGHENG-LL4001G Datasheet
72Kb / 2P
Surface Mount Glass Passivated Rectifier
logo
Vishay Siliconix
S8CG VISHAY-S8CG Datasheet
101Kb / 4P
Surface-Mount Glass Passivated Rectifier
26-Feb-2020
S5A-M3 VISHAY-S5A-M3 Datasheet
91Kb / 4P
Surface Mount Glass Passivated Rectifier
31-Jul-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com