Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB820F Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SB820F
Description  ISOLATION SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SB820F Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SB820F Datasheet HTML 1Page - PACELEADER INDUSTRIAL SB820F Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
VOLTAGE - 20 TO 100 VOLTS
CURRENT - 8.0 AMPERES
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
UNITS
0C
0C
-50 to +150
-50 to +150
SYMBOL
Volts
Volts
Volts
Amps
Amps
Volts
0C / W
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
R JC
8.0
150
0.55
0.75
0.85
6
TJ
TSTG
0.5
50
mA
TJ
o
Ratings at 25 C ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
0
Maximum Average Forward Rectified Current at TC=100 C
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 8.0A
0
Maximum DC Reverse Current TA=25 C
0
at Rated DC Blocking Voltage TA=100 C
Typical Thermal Resistance
Operating and Storage Temperature Range
Storage Temperature Range
SB820F
20
14
20
SB830F
30
21
30
SB840F
40
28
40
SB850F
50
35
50
SB860F
60
42
60
SB880F
80
56
80
SB8100F
100
70
100
SB820F thru SB8100F
ISOLATION SCHOTTKY BARRIER RECTIFIER
ISOLATION SCHOTTKY BARRIER RECTIFIER
FEATURES
MECHANICAL DATA
Plastic package has Underwriters laboratory
Flammability Classification 94V-0 utilizing
Flame Retardant Epoxy Molding Compound
Exceeds environmental standards of MILS-19500 / 228
Low power loss, high efficiency
Low forward voltage. high current capability
High surge capability
For use in low voltage, high frequency inverters
Free wheeling. And polarlity protection applications
o
High temperature soldering 260 C/10seconds at terminals
Pb free product are available 99% Sn above can meet RoHS
environment substance directive request
Case ITO220AC full molded plastic package
Terminals Lead solderable per
MIL-STD-202, Method 208
Polarity As marked.
Mounting Position Any
Weight 0.08 ounce, 2.24gram
ITO-220AC
www.paceleader.tw


Similar Part No. - SB820F

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SB820F TRSYS-SB820F Datasheet
147Kb / 2P
ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB820F WTE-SB820F Datasheet
39Kb / 3P
8.0A ISOLATION SCHOTTKY BARRIER RECTIFIER
SB820F WTE-SB820F Datasheet
50Kb / 4P
8.0A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB820F PANJIT-SB820F Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SB820F YEASHIN-SB820F Datasheet
924Kb / 3P
ISOLATION SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB820F

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB1020F WTE-SB1020F Datasheet
40Kb / 3P
10A ISOLATION SCHOTTKY BARRIER RECTIFIER
SB1020FCT WTE-SB1020FCT Datasheet
39Kb / 3P
10A ISOLATION SCHOTTKY BARRIER RECTIFIER
SB1620FCT WTE-SB1620FCT Datasheet
41Kb / 3P
16A ISOLATION SCHOTTKY BARRIER RECTIFIER
SB2020FCT WTE-SB2020FCT Datasheet
40Kb / 3P
20A ISOLATION SCHOTTKY BARRIER RECTIFIER
SB2520FCT WTE-SB2520FCT Datasheet
40Kb / 3P
25A ISOLATION SCHOTTKY BARRIER RECTIFIER
SB820F WTE-SB820F Datasheet
39Kb / 3P
8.0A ISOLATION SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SB620F PACELEADER-SB620F Datasheet
153Kb / 2P
ISOLATION SCHOTTKY BARRIER RECTIFIER
SB620FCT PACELEADER-SB620FCT Datasheet
270Kb / 2P
ISOLATION SCHOTTKY BARRIER RECTIFIER
SB820CT PACELEADER-SB820CT Datasheet
270Kb / 2P
ISOLATION SCHOTTKY BARRIER RECTIFIER
SB820FCT PACELEADER-SB820FCT Datasheet
322Kb / 2P
ISOLATION SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com