Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB3045PT Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # SB3045PT
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SB3045PT Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SB3045PT Datasheet HTML 1Page - PACELEADER INDUSTRIAL SB3045PT Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATING AND CHARACTERISTICS CURVES SB3020PT THRU SB30200PT
SB3020PT thru SB30200PT
SCHOTTKY BARRIER RECTIFIER
SCHOTTKY BARRIER RECTIFIER
0
50
100
150
50
40
30
20
10
0
ECHARACTERISTICS
400
350
300
250
200
150
100
50
0
1
2
5
10
20
50
100
8.3ms Single
Half Since-Wave
JEDEC Method
20
10
-3
10
-2
10
-1
10
0
10
1
10
2
40
60
80
100
T =25 C
J
O
T =75 C
J
O
T =125 C
J
O
0.2
0.1
1.0
10
100
0.3
0.4
0.5
0.6
0.7
0.8
T = 2 5 C
A
O
V
=20-40V
V
=50-60V
RRM
RRM
V
=20-40V
V
=50-60V
RRM
RRM
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- MAXIMUM NON-REPETITIVE SURGE CURRENT
Fig.3- TYPICAL REVERSE CHARACTERISTIC
PERCENTOFRATEDPEAK REVERSEVOLTAGE,%
FORWARDVOLTAGE,VOLTS
NO.OF CYCLEAT60Hz
O
CASETEMPERATURE, C
Fig.4- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com