Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103AWS Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SD103AWS
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SD103AWS Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SD103AWS Datasheet HTML 1Page - PACELEADER INDUSTRIAL SD103AWS Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
FEATURES
MECHANICAL DATA
o
MAXIMUM RATING (TA=25 C unless otherwise noted)
o
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
CHARACTERISTICS
CHARACTERISTICS
SURFACE MOUNT SCHOTTKY BARRIER DIODES
SURFACE MOUNT SCHOTTKY BARRIER DIODES
UNITS
SYMBOL
VF
Min
Max
40
30
20
50
V(BR)R
Typ
10
0.37
0.60
5.0
UNITS
SYMBOL
0C
0C / W
mA
mW
A
-40 to +125
Volts
Volts
SD103AWS/SD103BWS/SD103CWS
SMALL SIGNAL SCHOTTKY DIODES 350m AMPERES 20~40 VOLTS
Low Forward Voltage
Very Small Conduction Losses
Schottky Barrier Diodes Encapsulated in
SOD-323 Package
Polarity Cathode Band
Leads Solderable per MIL-STD-202 Method 208
Wigth
0.004grams (approx)
RMS Reverse Voltage
Average Repetitive Output Current
Non-Repetitive Peak Forward Surge Current @ t 1.0S
(1)
Power Dissipation
(1)
Typical thermal Resistance junction to Ambient Note
Operating & Storage Temperature Range
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
VR(RMS)
IFAV
IFSM
PD
R JA
TJ
TSTG
SD103AWS
40
28
SD103BWS
30
21
SD103CWS
20
14
350
1.5
200
625
NOTES
1. Valid provited that leads are kept at ambient tememperature.
2. Pulse Test: Pulse width=300 s, Duty Cycle 2%
Junction Capacitance, f = 1MHz, VR = 0VDC
(2)
Reverse Breakdown Voltage
SD103AWS
(IR = 100uA)
SD103BWS
SD103CWS
(2)
Forward Voltage Note
IF = 20mA
IF = 200mA
(2)
Reverse Current Note
VR = 30V, SD103AWS
VR = 32V, SD103BWS
VR = 10V, SD103CWS
Reverse Recovery Time IF = IF = 200mA,
IRR = 0.1* IR, RL = 100
IR
CJ
TRR
Volts
Volts
Amps
pF
nS
SOD-323
.045(1.15)
.053(1.35)
.0035(0.089)
.015(0.377)
.00(0.00)
.004(0.10)
.031(0.80)
.039(1.00)
.009(0.25)
.016(0.40)
.063(1.60)
.071(1.80)
.091(2.30)
1.63(2.70)
1
2
0.15R
www.paceleader.tw


Similar Part No. - SD103AWS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Won-Top Electronics
SD103AWS WTE-SD103AWS Datasheet
41Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
SD103AWS DIODES-SD103AWS Datasheet
62Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30101 Rev. 7 - 2
logo
General Semiconductor
SD103AWS GE-SD103AWS Datasheet
130Kb / 3P
SCHOTTKY DIODES
logo
Weitron Technology
SD103AWS WEITRON-SD103AWS Datasheet
73Kb / 3P
Surface Mount Schottky Barrier Diodes
More results

Similar Description - SD103AWS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
BAT400D PANJIT-BAT400D Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
WSD521G WEITRON-WSD521G Datasheet
410Kb / 4P
Surface Mount Schottky Barrier Diodes
logo
Shenzhen Luguang Electr...
RB548W LUGUANG-RB548W Datasheet
250Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103ATW LUGUANG-SD103ATW Datasheet
294Kb / 2P
Surface Mount Schottky Barrier Diodes
logo
Diode Semiconductor Kor...
SD103ATW DSK-SD103ATW Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
SUNMATE electronic Co.,...
EC31QS06 SUNMATE-EC31QS06 Datasheet
441Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com