Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF803 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SF803
Description  SUPERFAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SF803 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SF803 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SF803 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
VOLTAGE - 50 TO 600 VOLTS
CURRENT - 8.0 AMPERES
SUPERFAST RECOVERY RECTIFIER
SUPERFAST RECOVERY RECTIFIER
FEATURES
MECHANICAL DATA
Low forward voltage drop
High Current Capability
High reliability
High surge Current Capability
Good for switching mode application
o
High temperature soldering 260 C/10seconds at terminals
Pb free product are available 99% Sn above can meet RoHS
environment substance directive request
Case TO220AC Molded plastic
Epoxy UL 94V-0 rate flame retardant
Lead Lead solderable per
MIL-STD-202, Method 208 guranteed
Polarity As Marked
Mounting Position Any
Weight 2.24gram
SF801 thru SF807
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
UNITS
0C
-55 to +150
nS
pF
Volts
Volts
Volts
Amps
Amps
Volts
8.0
125
0.95
50
35
1.3
1.7
10
500
50
o
Ratings at 25 C ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
PARAMETER
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current .375
0
(9.5mm) Lead Length at TC=100 C
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instandeous Forward Voltage at 8.0A
0
Maximum DC Reverse Current TA=25 C
0
at Rated DC Blocking Voltage TA=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range TJ,TSTG
A
SF801
50
35
50
SF802
100
70
100
SF803
150
105
150
SF804
200
140
200
SF805
300
210
300
SF806
400
320
400
SF807
600
420
600
NOTES
1. Reverse Recovery Time test condition IF=0.5A , IR=1.0A , IRR=0.25A
2. Measured at 1.0MHz and applied reverse Voltage of 4.0V D.C
TO-220AC
www.paceleader.com.tw


Similar Part No. - SF803

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
SF803 YEASHIN-SF803 Datasheet
41Kb / 2P
VOLTAGE RANGE 50 to 600 Volts 8.0 Amperes
logo
SUNMATE electronic Co.,...
SF803 SUNMATE-SF803 Datasheet
835Kb / 2P
SUPER FAST RECTIFIERS
logo
Amphenol Corporation
SF8032-6014 AMPHENOL-SF8032-6014 Datasheet
79Kb / 1P
SMPM FD MALE 1/2W TERMINATION
logo
Amphenol SV Microwave
SF8032-6014 SVMICROWAVE-SF8032-6014 Datasheet
77Kb / 1P
SMPM FD MALE 1/2W TERMINATION
06/05/17
logo
Amphenol Corporation
SF8038-6007 AMPHENOL-SF8038-6007 Datasheet
70Kb / 1P
SMPS MALE F.D. 1/2W TERMINATION
More results

Similar Description - SF803

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1600CT PANJIT-ER1600CT Datasheet
41Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
SF801F PACELEADER-SF801F Datasheet
585Kb / 2P
SUPERFAST RECOVERY RECTIFIER
SF1001CT PACELEADER-SF1001CT Datasheet
583Kb / 2P
SUPERFAST RECOVERY RECTIFIER
SF1001FCT PACELEADER-SF1001FCT Datasheet
581Kb / 2P
SUPERFAST RECOVERY RECTIFIER
SF1601CT PACELEADER-SF1601CT Datasheet
730Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
Continental Device Indi...
MUR420 CDIL-MUR420 Datasheet
193Kb / 5P
SUPERFAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
SF2001CT PACELEADER-SF2001CT Datasheet
208Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
SF51 KOOCHIN-SF51 Datasheet
306Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
Nantong Hornby Electron...
SF3X HORNBY-SF3X Datasheet
255Kb / 3P
SUPERFAST RECOVERY RECTIFIER
logo
DAESAN ELECTRONIC CORP.
ES3A DAESAN-ES3A_V01 Datasheet
576Kb / 2P
SUPERFAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com