Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33596FJAE/R2 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MC33596FJAE/R2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FJAE/R2 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC33596FJAE/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC33596FJAE/R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC33596FJAE/R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC33596FJAE/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC33596FJAE/R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC33596FJAE/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC33596FJAE/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC33596FJAE/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC33596FJAE/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
Receive Mode
MC33596 Data Sheet, Rev. 4
Freescale Semiconductor
21
received, output data are complemented also. When an EOM occurs before the current byte is fully
shifted out, dummy bits are inserted until the number of shifted bits is a multiple of 8.
For all states: At any time, a low level applied to STROBE puts the circuit into state 20, and a low level
applied to CONFB forces the state machine to state 1, configuration mode.
11.2.4.3 Timing Definition
As shown in Figure 13, a settling time is required when entering the on state.
Figure 13. Receiver Usable Window
The goal for the receiver is to recognize at least one ID during Ton time. Many IDs are transmitted during
that time.
During Ton, the receiver should be able to detect an ID, but as receiver and transmitter are not
synchronized, an ID may already be transmitted when Ton time begins. That is the reason why Ton should
be sized to receive two IDs: to be sure to recognize one, no matter what the time difference between
beginning of transmission of the ID and beginning of run time for the receiver.
Ton should also include the setting time of the receiver. Setting time is composed of the crystal oscillator
wakeup time1, the PLL lock time2, and setup of all analog parameters3 (AGC and demodulator need some
time to settle).
Toff should be sized to allow the positioning of an on state during the transmission of the ID field.
During the setting time, no reception is possible.
11.3 Receiver On/Off Control
In receive mode, on/off sequencing can be controlled internally using the strobe oscillator, or managed
externally by the MCU through the input pin STROBE.
If the strobe oscillator is selected (SOE = 1):
•
Off time is clocked by the strobe oscillator
•
On time is clocked by the crystal oscillator, enabling accurate control of the on time, and therefore
of the current consumption of the whole system
1. Refer to parameter 5.10 found in Section 19.4, “PLL & Crystal Oscillator.”
2. Refer to parameter 5.9 found in Section 19.4, “PLL & Crystal Oscillator.”
3. Refer to preamble definition found in Figure 9.
Receiver
Status
RF
Signal
Off
On
Off
On
Setting
Time
ID
Detected
ID
ID
ID
ID
ID
ID
ID
ID
ID
Header
Data
EOM
Ton
Toff
Receiver
Status
RF
Signal
Off
On
Off
On
Setting
Time
ID
Detected
ID
ID
ID
ID
ID
ID
ID
ID
ID
Header
Data
EOM
Ton
Toff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com