Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5817WS Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SM5817WS
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SM5817WS Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SM5817WS Datasheet HTML 1Page - PACELEADER INDUSTRIAL SM5817WS Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SM5817WS thru SM5819WS
FEATURES
MECHANICAL DATA
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
UNITS
0C
0C
-40 to +125
-40 to +135
110
426
mA
pF
Volts
Volts
Volts
Amps
Amps
Volts
1.0
3
0.45
0.55
0.6
1.0
10
0C / W
o
Ratings at 25 C ambient temperature unless otherwise specified
Single phase, half sine wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
SM5817WS
20
14
20
SM5818WS
30
21
30
SM5819WS
40
28
40
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
High current capability
Extremeil low thermal Resistance
For surface Mount Applications
Low forward voltage
o
High Tenp solbering
250 C/10 seconds At Terminsls
Case
Molded plastic
Epoxy
UL 94V-0 rate flame retardant
Lead Aiial leads, solderable per MIL-STD-202,
Method 208 guaraneed
Polarity Color band denotes cathode end
Mounting position
Any
TYPE NUMBER
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current see Fig.1
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneous Forward Voltage at 1.0A
0
Maximum DC Reverse Current TA=25 C
0
at Rated DC Blocking Voltage TA=100 C
Typical Junction Capacitance (NOTE 1)
Typical Thermal Resistance R JA (NOTE 2)
Operating Temperature Range TJ
Storage Temperature Range TSTG
NOTES
1. Measured at 1.0MHz and applied reverse voltage of 5.0 volts
2. Thermal Resistance Junction to Case.
SOD-323
.045(1.15)
.053(1.35)
.0035(0.089)
.015(0.377)
.00(0.00)
.004(0.10)
.031(0.80)
.039(1.00)
.009(0.25)
.016(0.40)
.063(1.60)
.071(1.80)
.091(2.30)
1.63(2.70)
1
2
0.15R
www.paceleader.tw


Similar Part No. - SM5817WS

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SM5817WS LEIDITECH-SM5817WS Datasheet
551Kb / 2P
For use in low voltage, high frequency inverters Free wheeling, and polarity protection applications
logo
Goodwork Semiconductor ...
SM5817WS GWSEMI-SM5817WS Datasheet
609Kb / 3P
Surface Mount Schottky Barrier Diode
More results

Similar Description - SM5817WS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B120B DIODES-B120B Datasheet
57Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
B130L DIODES-B130L Datasheet
65Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. A-1
B130LAW DIODES-B130LAW Datasheet
66Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 2 - 2
B140N DIODES-B140N Datasheet
65Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30136 Rev. A-0
B130L DIODES-B130L_1 Datasheet
69Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. 6 - 2
logo
SUNMATE electronic Co.,...
BYM13-20 SUNMATE-BYM13-20 Datasheet
222Kb / 2P
1.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B120B DIODES-B120B_15 Datasheet
133Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 18
DFLS120LQ DIODES-DFLS120LQ_15 Datasheet
202Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 1
DFLS130LQ DIODES-DFLS130LQ_15 Datasheet
202Kb / 5P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 1
B130L DIODES-B130L_15 Datasheet
118Kb / 4P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com