Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3AB Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # US3AB
Description  SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

US3AB Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  US3AB Datasheet HTML 1Page - PACELEADER INDUSTRIAL US3AB Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATING AND CHARACTERISTICS CURVES US3AB THRU US3MB
US3AB thru US3MB
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
www.paceleader.tw
3.0
2.5
2.0
1.5
1.0
0.5
0
SET TIME
BASE FOR
10ns/cm
1cm
-1.0
-0.25
0
+0.5A
trr
50
Noninductive
1
NON-
Inductive
NOTES:1. Rise Time=7ns max.
Input Impedance=1 megohm. 22pF
2. Rise Time=10ns max.
Source Impedance=50 Ohms.
10
Noninductive
D.U.T.
OSCILLOSCOPE
NOTE 1
PULSE
GENERATOR
NOTE 2
25 Vdc
(approx)
(+)
(+)
()
()
Fig. 1 - REVERSE RECOVERY TIME CHARACTERISTIC
AND TEST CIRCUIT DIAGRAM
FORWARD CURRENT RATING
o
LEAD TEMPERATURE, C
SINGLE PHASE
HALF W AVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
P.C.B MOUNTED
ON 0.315x0.315"(8.0x8.0mm)
COPPER PAD AREAS
50
60
70
80
90 100 110 120 130 140 150
0
T =150C
J
0
T =100C
J
0
T =25C
J
0
20
40
60
80
100
120
140
100
10.0
1.0
0.1
01
Fig. 3 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, VOLTS
Fig. 4 - TYPICAL FORWARD CHARACTERISTICS
100
10.0
1.0
0.1
0.01
INSTANTANEOUS FORWARD VOLTAGE. VOLTS
0.4 0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
T =25C
J
Pulse Width=300 s
2% Duly Cycle
thru
8.3ms SINGLE HALF SINCE-WAVE
JEDEC METHOD
200
100
50
10
Fig. 5 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60HZ
1
5
10
50
100
160
140
120
100
80
60
40
20
.1
.5
1.0 2.0
5.0 10.0 20
50 100 200
500 1000
REVERSE VOLTAGE, VOLTS
Fig. 6 - TYPICAL JUNCTION CAPACITANCE
0
T =25C
J
f=1MHz
Vslg=50mVp-p
thru
thru
US3AB
US3DB
US3GB
US3MB
US3AB
US3DB
US3GB
US3MB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com