Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMM33 Datasheet(PDF) 3 Page - PACELEADER INDUSTRIAL

Part # ZMM33
Description  SURFACE MOUNT ZENER DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

ZMM33 Datasheet(HTML) 3 Page - PACELEADER INDUSTRIAL

  ZMM33 Datasheet HTML 1Page - PACELEADER INDUSTRIAL ZMM33 Datasheet HTML 2Page - PACELEADER INDUSTRIAL ZMM33 Datasheet HTML 3Page - PACELEADER INDUSTRIAL ZMM33 Datasheet HTML 4Page - PACELEADER INDUSTRIAL ZMM33 Datasheet HTML 5Page - PACELEADER INDUSTRIAL ZMM33 Datasheet HTML 6Page - PACELEADER INDUSTRIAL ZMM33 Datasheet HTML 7Page - PACELEADER INDUSTRIAL ZMM33 Datasheet HTML 8Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FIG. 1 POWE
RDE R
ATINGCURVE
www.paceleader.tw
0
0
10
20
Vz
40
30
ZMM 36
ZMM 15
Test current Iz
5mA
10
20
Iz
ZMM 12
Breakdown characteristics
Tj = constant (pulsed)
mA
30
0
01
ZMM 10
24
3
ZMM 27
ZMM 18
ZMM 22
ZMM 33
57
6
Vz
Tj=25 C
ZMM...
o
810
9
ZMM 3.3
ZMM 3.9
Test current Iz
5mA
20
10
30
Breakdown characteristics
Tj = constant (pulsed)
Iz
40
50
mA
ZMM 1
o
Tj=25 C
ZMM 2.7
ZMM 8.2
ZMM 5.6
ZMM 4.7
ZMM...
V
V
ZMM 6.8
ZMM1 thru ZMM200
SURFACE MOUNT ZENER DIODES
SURFACE MOUNT ZENER DIODES
00



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com