Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6136RM5P9 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # AWT6136RM5P9
Description  450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6136RM5P9 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  AWT6136RM5P9 Datasheet HTML 1Page - ANADIGICS, Inc AWT6136RM5P9 Datasheet HTML 2Page - ANADIGICS, Inc AWT6136RM5P9 Datasheet HTML 3Page - ANADIGICS, Inc AWT6136RM5P9 Datasheet HTML 4Page - ANADIGICS, Inc AWT6136RM5P9 Datasheet HTML 5Page - ANADIGICS, Inc AWT6136RM5P9 Datasheet HTML 6Page - ANADIGICS, Inc AWT6136RM5P9 Datasheet HTML 7Page - ANADIGICS, Inc AWT6136RM5P9 Datasheet HTML 8Page - ANADIGICS, Inc AWT6136RM5P9 Datasheet HTML 9Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Data Sheet - Rev 2.0
10/2008
AWT6136
Table 4: Electrical Specifications – CDMA Operation
(TC = +25 OC, VCC = +3.4 V, VREF = +2.90 V, 50 Ω system)
Notes:
(1) POUT is derated by 0.5 dB for IS-98 / CDMA 2000 operation.
(2) Efficiency spec applies at 455 MHz.
PARAMETER
MIN
TYP MAX
UNIT
COMMENTS
Gain
26
25
28.5
27.5
30
29
dB
POUT = +29.5 dBm, VMODE = 0 V
POUT = +16 dBm, VMODE = +2.90 V
Gain Variation
-
0.4
1.0
dB
Adjacent Channel Power
at 885 kHz offset (1)
Primary Channel BW = 1.23 MHZ
Adjacent Channel BW = 30 kHz
-
-
-50
-58
-47
-47
dB
POUT = +29.5 dBm, VMODE = 0 V
POUT = +16 dBm, VMODE = +2.90 V
Adjacent Channel Power
at 1.98 MHz offset (1)
Primary Channel BW = 1.23 MHZ
Adjacent Channel BW = 30 kHz
-
-
-62
-68
-59
-59
dB
POUT = +29.5 dBm, VMODE = 0 V
POUT = +16 dBm, VMODE = +2.90 V
Power-Added Efficiency (1), (2)
33
6
37
7
-
-
%
POUT = +29.5 dBm, VMODE = 0 V
POUT = +16 dBm, VMODE = +2.90 V
Quiescent Current (Icq)
-
60
75
mA
through VCC pins, VMODE = +2.90 V
Reference Current
-
6.5
9
mA
through VREF pin, PA "on"
Mode Control Current
-
0.8
1.0
mA
through VMODE pin,
VMODE = +2.90 V
Leakage Current
-
<1
5
A
VCC = +4.2 V, VREF = 0 V,
VMODE = 0 V
Noise in Receive Band
-
-132
-130
dBm/Hz fO +10 MHz, POUT < +29.5 dBm
Harmonics
2fo
3fo, 4fo
-
-
-36
-44
-30
-35
dBc
POUT < +29.5 dBm
Input Impedance
-
-
2:1
VSWR
Spurious Output Level
(all spurious outputs)
-
-
-70
dBc
POUT < +29.5 dBm
In-band Load VSWR < 5:1
Out-of-band Load VSWR < 10:1
Applies over all operating ranges
Load mismatch stress with no
permanent degradation or failure
10:1
-
-
VSWR Applies over all operating ranges



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com