Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6642BBCZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD6642BBCZ
Description  Dual IF Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6642BBCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD6642BBCZ Datasheet HTML 4Page - Analog Devices AD6642BBCZ Datasheet HTML 5Page - Analog Devices AD6642BBCZ Datasheet HTML 6Page - Analog Devices AD6642BBCZ Datasheet HTML 7Page - Analog Devices AD6642BBCZ Datasheet HTML 8Page - Analog Devices AD6642BBCZ Datasheet HTML 9Page - Analog Devices AD6642BBCZ Datasheet HTML 10Page - Analog Devices AD6642BBCZ Datasheet HTML 11Page - Analog Devices AD6642BBCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD6642
Rev. 0 | Page 8 of 32
TIMING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, fS = 185 MSPS, 1.75 V p-p differential input, VIN = −1.0 dBFS differential input, and default SPI, unless
otherwise noted.
Table 5.
Parameter
Description
Min
Typ
Max
Unit
SYNC TIMING REQUIREMENTS
tSSYNC
SYNC to rising edge of CLK setup time
0.24
ns
tHSYNC
SYNC to rising edge of CLK hold time
0.40
ns
SPI TIMING REQUIREMENTS
tDS
Setup time between the data and the rising edge of SCLK
2
ns
tDH
Hold time between the data and the rising edge of SCLK
2
ns
tCLK
Period of the SCLK
40
ns
tS
Setup time between CSB and SCLK
2
ns
tH
Hold time between CSB and SCLK
2
ns
tHIGH
SCLK pulse width high
10
ns
tLOW
SCLK pulse width low
10
ns
tEN_SDIO
Time required for the SDIO pin to switch from an input to
an output relative to the SCLK falling edge
10
ns
tDIS_SDIO
Time required for the SDIO pin to switch from an output to
an input relative to the SCLK rising edge
10
ns
Timing Diagrams
N – 1
N + 1
N + 2
N + 3
N + 4
N + 5
N
CLK+
CLK–
DCO+
DCO–
D10+AB (MSB)
D10–AB (MSB)
D0+AB (LSB)
D0–AB (LSB)
VIN
tA
tCH
tDCO
tCL
tPD
tSKEW
1/
fS
D10A
D10B
D10A
D10B
D10A
D10B
D10A
D10B
D10A
D10B
D10A
D10B
D0A
D0B
D10A
D10B
D0A
D0B
D0A
D0B
D0A
D0B
D0A
D0B
D0A
D0B
D0A
D0B
Figure 2. Data Output Timing
SYNC
CLK+
tHSYNC
tSSYNC
Figure 3. SYNC Input Timing Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com