Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7944 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7944
Description  14-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7944 Datasheet HTML 17Page - Analog Devices AD7944 Datasheet HTML 18Page - Analog Devices AD7944 Datasheet HTML 19Page - Analog Devices AD7944 Datasheet HTML 20Page - Analog Devices AD7944 Datasheet HTML 21Page - Analog Devices AD7944 Datasheet HTML 22Page - Analog Devices AD7944 Datasheet HTML 23Page - Analog Devices AD7944 Datasheet HTML 24Page - Analog Devices AD7944 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD7944
Rev. 0 | Page 21 of 28
CS MODE, 4-WIRE WITHOUT BUSY INDICATOR
This mode is usually used when multiple AD7944 devices are
connected to an SPI-compatible digital host. A connection dia-
gram example using two AD7944 devices is shown in Figure 30,
and the corresponding timing is given in Figure 31.
With SDI high, a rising edge on CNV initiates a conversion,
selects CS mode, and forces SDO to high impedance. In this
mode, CNV must be held high during the conversion phase
and the subsequent data readback. (If SDI and CNV are low,
SDO is driven low.) Prior to the minimum conversion time,
SDI can be used to select other SPI devices, such as analog multi-
plexers, but SDI must be returned high before the minimum
conversion time elapses and then held high for the maximum
possible conversion time to avoid the generation of the busy
signal indicator.
When the conversion is complete, the AD7944 enters the
acquisition phase and, if the part is in normal mode (TURBO
low), powers down. Each ADC result can be read by bringing its
SDI input low, which consequently outputs the MSB onto SDO.
The remaining data bits are then clocked by subsequent SCK
falling edges. The data is valid on both SCK edges. Although the
rising edge can be used to capture the data, a digital host using
the SCK falling edge allows a faster reading rate, provided that it
has an acceptable hold time. After the 14th SCK falling edge, SDO
returns to high impedance and another AD7944 can be read.
AD7944
SDI
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
CS1
CS2
AD7944
SDI
SDO
CNV
SCK
Figure 30. CS Mode, 4-Wire Without Busy Indicator Connection Diagram
ACQUISITION (n)
ACQUISITION
(n – 1)
ACQUISITION
(n + 1)
1
2
BEGIN DATA (n – 1)
CONVERSION (n)
END DATA (n – 1)
SCK
SDO
CNV
12
13
CONVERSION (n – 1)
END DATA (n – 2)
tCONV
tDATA
(I/O QUIET
TIME)
(I/O QUIET
TIME)
(I/O QUIET
TIME)
0
14
12
13
14
113
12
11
2
0
1
2
SDI
tCYC
tACQ
tQUIET
tHSDICNV
tSSDICNV
tDATA
tCONV
tSCK
tDIS
tDIS
tHSDO
tEN
tEN
tDSDO
tHSDO
Figure 31. CS Mode, 4-Wire Without Busy Indicator Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com