Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8432 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8432
Description  Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8432 Datasheet HTML 9Page - Analog Devices AD8432 Datasheet HTML 10Page - Analog Devices AD8432 Datasheet HTML 11Page - Analog Devices AD8432 Datasheet HTML 12Page - Analog Devices AD8432 Datasheet HTML 13Page - Analog Devices AD8432 Datasheet HTML 14Page - Analog Devices AD8432 Datasheet HTML 15Page - Analog Devices AD8432 Datasheet HTML 16Page - Analog Devices AD8432 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD8432
Rev. 0 | Page 13 of 28
10ns/DIV
RL = 499Ω
RL = 249Ω
RL = 24.9Ω
RL = 15Ω
RL = 10Ω
Figure 39. Small Signal Transient Response vs. Resistive Load (RL), G = 24.08 dB
10ns/DIV
G = 12.04dB
G = 18.06dB
G = 21.58dB
G = 24.08dB
Figure 40. Small Signal Transient Response vs. Gain, VOUT = 200 mV p-p
10ns/DIV
G = 12.04dB
G = 21.58dB
G = 18.06dB
G = 24.08dB
Figure 41. Large Signal Transient Response vs. Gain, VIN = 125 mV p-p
10ns/DIV
CL = 20pF
CL = 15pF
CL = 10pF
CL = 5pF
Figure 42. Large Signal Transient Response vs. Capacitive Load (CL), G = 12.04 dB
10ns/DIV
CL = 30pF
CL = 20pF
CL = 15pF
CL = 10pF
CL = 5pF
Figure 43. Large Signal Transient Response vs. Capacitive Load (CL), G = 24.08 dB
10ns/DIV
RL = 499Ω
RL = 249Ω
RL = 24.9Ω
RL = 15Ω
Figure 44. Large Signal Transient Response vs. Resistive Load (RL), G = 12.04 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com