Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4004-4ARZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4004-4ARZ-R7
Description  1.8 nV/?숰z, 36 V Precision Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4004-4ARZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4004-4ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4004-4ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4004-4ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4004-4ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4004-4ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4004-4ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4004-4ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4004-4ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4004-4ARZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADA4004-1/ADA4004-2/ADA4004-4
Rev. E | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
250
200
150
100
50
0
–55
–35
–15
5
25
45
65
85
105
VOS (µV)
ADA4004-4
VSY = ±15V
Figure 6. Number of Amplifiers vs. Input Offset Voltage
180
160
140
120
100
80
60
40
20
0
–30
114
98
82
66
50
34
18
2
–14
VOS (µV)
ADA4004-4
VSY = ±5V
Figure 7. Number of Amplifiers vs. Input Offset Voltage
120
80
40
0
–50
150
100
50
0
TEMPERATURE (°C)
ADA4004-4
VSY = ±5V
VSY = ±15V
Figure 8. Input Offset Voltage vs. Temperature
300
250
200
150
100
50
0
01
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
TCVOS (µV/°C)
.0
ADA4004-4
VSY = ±15V
Figure 9. Number of Amplifiers vs. TCVOS
250
200
150
100
50
0
01
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
TCVOS (µV°C)
.1
ADA4004-4
VSY = ±5V
Figure 10. Number of Amplifiers vs. TCVOS
80
40
0
–40
–50
150
100
50
0
TEMPERATURE (°C)
ADA4004-4
VSY = ±5V
VSY = ±15V
Figure 11. Input Bias Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com