Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG1438 Datasheet(PDF) 13 Page - Analog Devices

Part # ADG1438
Description  Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1438 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG1438 Datasheet HTML 9Page - Analog Devices ADG1438 Datasheet HTML 10Page - Analog Devices ADG1438 Datasheet HTML 11Page - Analog Devices ADG1438 Datasheet HTML 12Page - Analog Devices ADG1438 Datasheet HTML 13Page - Analog Devices ADG1438 Datasheet HTML 14Page - Analog Devices ADG1438 Datasheet HTML 15Page - Analog Devices ADG1438 Datasheet HTML 16Page - Analog Devices ADG1438 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADG1438/ADG1439
Rev. 0 | Page 13 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
16
14
12
10
8
6
4
2
0
–16.5 –13.5
–4.5
4.5
16.5
VS, VD (V)
–10.5
–1.5
7.5
–7.5
1.5
10.5 13.5
VDD = +10V
VSS = –10V
VDD = +15V
VSS = –15V
VDD = +12V
VSS = –12V
VDD = +13.5V
VSS = –13.5V
VDD = +16.5V
VSS = –16.5V
TA = 25°C
IS = –10mA
Figure 9. On Resistance as a Function of VD (VS), Dual Supply
35
30
25
20
15
10
5
0
–7
–1
7
VS, VD (V)
–5
1
–3
3
5
VDD = +3.V
VSS = –3.V
VDD = +7V
VSS = –7V
VDD = +4.5V
VSS = –4.5V
VDD = +5.5V
VSS = –5.5V
VDD = +5.0V
VSS = –5.0V
TA = 25°C
IS = –10mA
Figure 10. On Resistance as a Function of VD (Vs), Dual Supply
40
35
30
25
20
15
10
5
0
1.5
0
VS, VD (V)
3.0
4.5
6.0
7.5
9.0
10.5 12.0 13.5 15.0
VDD = +5V
VSS = 0V
VDD = +8V
VSS = 0V
VDD = +10.8V
VSS = 0V
TA = 25°C
IS = –10mA
VDD = +12V
VSS = 0V
VDD = +13.2V
VSS = 0V
VDD = +15V
VSS = 0V
Figure 11. On Resistance as a Function of VD (VS), Single Supply
18
15
12
9
6
3
0
–15
–10
–5
0
5
10
15
VS, VD (V)
VDD = +15V
VSS = –15V
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 12. On Resistance as a Function of VD (VS)
for Different Temperatures, 15 V Dual Supply
30
25
20
15
10
5
0
–5
–3
–4
–2
0
–1
3
2
14
VS, VD (V)
5
VDD = +5V
VSS = –5V
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 13. On Resistance as a Function of VD (VS)
for Different Temperatures, 5 V Dual Supply
25
20
15
10
5
0
01
10
8
6
4
2
VS, VD (V)
2
VDD = +12V
VSS = 0V
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 14. On Resistance as a Function of VD (VS)
for Different Temperatures, 12 V Single Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com