Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2531ACPZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADN2531ACPZ-R2
Description  11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2531ACPZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADN2531ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADN2531ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADN2531ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADN2531ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADN2531ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADN2531ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADN2531ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADN2531ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADN2531ACPZ-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADN2531
Rev. 0 | Page 17 of 20
e actual resistance of the TOSA
The value of K depends on th
This example assumes that the nominal value of IBIAS is 40 mA
and can be obtained from Figure 35. For a TOSA resistance of
12 Ω, the typical value of K is 110 mA/V. Assuming that IMOD =
40 mA and using the preceding equation, the MSET voltage is
given by
and that the IBIAS range for all operating conditions is 10 mA to
80 mA. The accuracy of the IBIAS to IBMON ratio is given in Tabl
and is plotted in Fig
1
e 1
e
h
t c
t accuracy is
mum IBIAS of 10 mA and ±3.0% for the
max
entage of
BIAS
is given by
ure 4 .
41, t e IBMON outpu urren
Referring to Figur
±4.3% for the mini
V
36
.
0
110
40
mA/V
110
(mA)
=
=
= MOD
MSET
I
V
The MSET voltage range can be calculated using the required
IMOD range and the minim
imum IBIAS value of 80 mA.
The accuracy of the IBMON output current as a perc
the nominal I
um and maximum K values. These
values can be obtained from the minimum and maximum
curves in Figure 35.
IBIAS Monitor Accuracy Calculations
4
5
6
%
075
.
1
mA
40
100
100
3
.
4
mA
10
_
±
=
×
=
MIN
Accuracy
IBMON
for the minimum IBIAS value, and by
0
0
20
%
0
.
6
mA
40
100
100
0
.
3
mA
80
_
±
=
×
=
MAX
Accuracy
IBMON
1
2
3
100
80
60
40
IBIAS (mA)
Figure 41. Accuracy of IBIAS to IBMON Ratio
for the maximum IBIAS value. This gives a worse-case accuracy
for the IBMON output current of ±6.0% of the nominal IBIAS
value over all operating conditions. The IBMON output curr
accuracy numbers can b
ent
e combined with the accuracy numbers
for t
nd any other error
c
voltage.
he 750 Ω IBMON resistor (RIBMON) a
sources to cal ulate an overall accuracy for the IBMON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com