Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4604ASVZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADN4604ASVZ
Description  4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4604ASVZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADN4604ASVZ Datasheet HTML 3Page - Analog Devices ADN4604ASVZ Datasheet HTML 4Page - Analog Devices ADN4604ASVZ Datasheet HTML 5Page - Analog Devices ADN4604ASVZ Datasheet HTML 6Page - Analog Devices ADN4604ASVZ Datasheet HTML 7Page - Analog Devices ADN4604ASVZ Datasheet HTML 8Page - Analog Devices ADN4604ASVZ Datasheet HTML 9Page - Analog Devices ADN4604ASVZ Datasheet HTML 10Page - Analog Devices ADN4604ASVZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
ADN4604
Rev. 0 | Page 7 of 40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
ADN4604
TOP VIEW
(Not to Scale)
1
RESET
2
IP0
3
IN0
4
VCC
5
IP1
6
IN1
7
VTTIW
8
IP2
9
IN2
10
VEE
11
IP3
12
IN3
13
VCC
14
IP4
15
IN4
16
VEE
17
IP5
18
IN5
19
VTTIW
20
IP6
21
IN6
22
VCC
23
IP7
24
IN7
25
UPDATE
26 27 28 29 30 31 32 33 34 35 36
37 38 39 40 41
42 43 44 45 46 47
48 49 50
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
51
ADDR0/CS
52
IP8
53
IN8
54
VCC
55
IP9
56
IN9
57
VTTIE
58
IP10
59
IN10
60
VEE
61
IP11
62
IN11
63
VCC
64
IP12
65
IN12
66
VEE
67
IP13
68
IN13
69
VTTIE
70
IP14
71
IN14
72
VCC
73
IP15
74
IN15
75
SDA/SDO
NOTES
1. THE ADN4604 TQFP HAS AN EXPOSED PADDLE (EPAD) ON THE UNDERSIDE OF THE PACKAGE THAT AIDS
IN HEAT DISSIPATION. THE EPAD MUST BE ELECTRICALLY CONNECTED TO THE VEE SUPPLY PLANE
TO MEET THERMAL SPECIFICATIONS.
2. SDA/SCL/ADDR1/0 FOR I2C OPERATION.
SCK/SDO/SDI/CS FOR SPI OPERATION.
Figure 5. Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com