Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP122AUJZ-2.8-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP122AUJZ-2.8-R7
Description  5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP122AUJZ-2.8-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP122AUJZ-2.8-R7 Datasheet HTML 4Page - Analog Devices ADP122AUJZ-2.8-R7 Datasheet HTML 5Page - Analog Devices ADP122AUJZ-2.8-R7 Datasheet HTML 6Page - Analog Devices ADP122AUJZ-2.8-R7 Datasheet HTML 7Page - Analog Devices ADP122AUJZ-2.8-R7 Datasheet HTML 8Page - Analog Devices ADP122AUJZ-2.8-R7 Datasheet HTML 9Page - Analog Devices ADP122AUJZ-2.8-R7 Datasheet HTML 10Page - Analog Devices ADP122AUJZ-2.8-R7 Datasheet HTML 11Page - Analog Devices ADP122AUJZ-2.8-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADP122/ADP123
Rev. 0 | Page 8 of 20
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 3.6V
VIN = 3.8V
VIN = 4.2V
VIN = 4.4V
VIN = 5.0V
VIN = 5.2V
VIN = 5.4V
VIN = 5.5V
Figure 11. Shutdown Current vs. Temperature at Various Input Voltages
0
10
20
30
40
50
60
70
1
10
100
1000
IOUT (mA)
Figure 12. Dropout Voltage vs. Load Current
0
50
100
150
200
250
300
350
400
450
3.05
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
VIN (V)
IOUT = 10mA
IOUT = 100mA
IOUT = 150mA
IOUT = 300mA
Figure 13. Ground Current vs. Input Voltage (in Dropout)
3.00
3.05
3.10
3.15
3.20
3.25
3.30
3.35
3.05
3.10
3.15
3.20
3.25
3.30
3.35
3.40
VIN (V)
IOUT = 10mA
IOUT = 100mA
IOUT = 150mA
IOUT = 300mA
Figure 14. Output Voltage vs. Input Voltage (in Dropout)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
IOUT = 100µA
VIN = VOUT + 0.5V
VRIPPLE = 50mV
CIN = COUT 1µF
IOUT = 1mA
IOUT = 10mA
IOUT = 100mA
IOUT = 200mA
IOUT = 300mA
Figure 15. Power Supply Rejection Ratio vs. Frequency, VOUT = 2.8 V, VIN = 3.3 V
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
IOUT = 100µA
VIN = VOUT + 0.5V
VRIPPLE = 50mV
CIN = COUT 1µF
IOUT = 1mA
IOUT = 10mA
IOUT = 100mA
IOUT = 200mA
IOUT = 300mA
Figure 16. Power Supply Rejection Ratio vs. Frequency, VOUT = 3.3 V, VIN = 3.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com