Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP150ACBZ-2.8-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP150ACBZ-2.8-R7
Description  Ultralow Noise, 150 mA CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150ACBZ-2.8-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP150ACBZ-2.8-R7 Datasheet HTML 10Page - Analog Devices ADP150ACBZ-2.8-R7 Datasheet HTML 11Page - Analog Devices ADP150ACBZ-2.8-R7 Datasheet HTML 12Page - Analog Devices ADP150ACBZ-2.8-R7 Datasheet HTML 13Page - Analog Devices ADP150ACBZ-2.8-R7 Datasheet HTML 14Page - Analog Devices ADP150ACBZ-2.8-R7 Datasheet HTML 15Page - Analog Devices ADP150ACBZ-2.8-R7 Datasheet HTML 16Page - Analog Devices ADP150ACBZ-2.8-R7 Datasheet HTML 17Page - Analog Devices ADP150ACBZ-2.8-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADP150
Rev. 0 | Page 14 of 20
THERMAL CONSIDERATIONS
In most applications, the ADP150 does not dissipate much heat
due to its high efficiency. However, in applications with high
ambient temperature and high supply voltage to output voltage
differential, the heat dissipated in the package is large enough
that it can cause the junction temperature of the die to exceed
the maximum junction temperature of 125°C.
When the junction temperature exceeds 150°C, the converter
enters thermal shutdown. It recovers only after the junction
temperature decreases below 135°C to prevent any permanent
damage. Therefore, thermal analysis for the chosen application is
very important to guarantee reliable performance over all conditions.
The junction temperature of the die is the sum of the ambient
temperature of the environment and the temperature rise of the
package due to the power dissipation, as shown in Equation 2.
To guarantee reliable operation, the junction temperature of
the ADP150 must not exceed 125°C. To ensure that the junction
temperature stays below 125°C, be aware of the parameters that
contribute to the junction temperature changes. These parameters
include ambient temperature, power dissipation in the power
device, and thermal resistances between the junction and
ambient air (θJA). The θJA number is dependent on the package
assembly compounds that are used and the amount of copper
used to solder the package GND pins to the PCB. Table 7 shows
typical θJA values of the 5-lead TSOT and 4-ball WLCSP packages
for various PCB copper sizes. Table 8 shows the typical ΨJB
value of the 5-lead TSOT and 4-ball WLCSP.
Table 7. Typical θJA Values
θJA (°C/W)
Copper Size (mm2)
TSOT
WLCSP
01
170
260
50
152
159
100
146
157
300
134
153
500
131
151
1 Device soldered to minimum size pin traces.
Table 8. Typical ΨJB Values
ΨJB (°C/W)
TSOT
WLCSP
42.8
58.4
Use Equation 2 to calculate the junction temperature.
TJ = TA + (PD × θJA)
(2)
where:
TA is the ambient temperature.
PD is the power dissipation in the die, given by
PD = [(VIN − VOUT) × ILOAD] + (VIN × IGND)
where:
ILOAD is the load current.
IGND is the ground current.
VIN and VOUT are input and output voltages, respectively.
Power dissipation due to ground current is quite small and can be
ignored. Therefore, the junction temperature equation simplifies to
TJ = TA + {[(VIN − VOUT) × ILOAD] × θJA}
(3)
As shown in the previous equation, for a given ambient temperature,
input-to-output voltage differential, and continuous load current,
there exists a minimum copper size requirement for the PCB to
ensure that the junction temperature does not rise above 125°C.
Figure 33 to Figure 46 show the junction temperature calculations
for the different ambient temperatures, load currents, VIN-to-VOUT
differentials, and areas of PCB copper.
140
120
100
80
60
40
20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VIN – VOUT (V)
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 25mA
ILOAD = 50mA
ILOAD = 75mA
ILOAD = 100mA
ILOAD = 150mA
MAX JUNCTION TEMPERATURE
Figure 33. TSOT, 500 mm2 of PCB Copper, TA = 25°C
140
120
100
80
60
40
20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VIN – VOUT (V)
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 25mA
ILOAD = 50mA
ILOAD = 75mA
ILOAD = 100mA
ILOAD = 150mA
MAX JUNCTION TEMPERATURE
Figure 34. TSOT, 100 mm2 of PCB Copper, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com