Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3629ARZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3629ARZ-R7
Description  High Speed, Dual, 2 A MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3629ARZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP3629ARZ-R7 Datasheet HTML 1Page - Analog Devices ADP3629ARZ-R7 Datasheet HTML 2Page - Analog Devices ADP3629ARZ-R7 Datasheet HTML 3Page - Analog Devices ADP3629ARZ-R7 Datasheet HTML 4Page - Analog Devices ADP3629ARZ-R7 Datasheet HTML 5Page - Analog Devices ADP3629ARZ-R7 Datasheet HTML 6Page - Analog Devices ADP3629ARZ-R7 Datasheet HTML 7Page - Analog Devices ADP3629ARZ-R7 Datasheet HTML 8Page - Analog Devices ADP3629ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Speed, Dual, 2 A MOSFET Driver
ADP3629/ADP3630/ADP3631
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Industry-standard-compatible pinout
High current drive capability
Precise threshold shutdown comparator
UVLO with hysteresis
Overtemperature warning signal
Overtemperature shutdown
3.3 V-compatible inputs
Rise time and fall time: 10 ns typical at 2.2 nF load
Fast propagation delay
Matched propagation delays between channels
Supply voltage: 9.5 V to 18 V
Dual outputs can be operated in parallel
(ADP3629/ADP3630)
Rated from −40°C to +85°C ambient temperature
8-lead SOIC_N and 8-lead MSOP
APPLICATIONS
AC-to-DC switch mode power supplies
DC-to-DC power supplies
Synchronous rectification
Motor drives
GENERAL DESCRIPTION
The ADP3629/ADP3630/ADP3631 are dual, high current, high
speed drivers, capable of driving two independent N-channel
power MOSFETs. The ADP3629/ADP3630/ADP3631 use the
industry-standard footprint but add high speed switching per-
formance and improved system reliability.
The ADP3629/ADP3630/ADP3631 have an internal temperature
sensor and provide two levels of overtemperature protection: an
overtemperature warning and an overtemperature shutdown at
extreme junction temperatures.
The SD function, generated from a precise internal comparator,
provides fast system enable or shutdown. This feature allows
redundant overvoltage protection, complementing the protec-
tion inside the main controller device, or provides safe system
shutdown in the event of an overtemperature warning.
The wide input voltage range allows the driver to be compatible
with both analog and digital PWM controllers.
Digital power controllers are supplied from a low voltage supply,
and the driver is supplied from a higher voltage supply. The
ADP3629/ADP3630/ADP3631 add UVLO and hysteresis func-
tions, allowing safe startup and shutdown of the higher voltage
supply when used with low voltage digital controllers.
FUNCTIONAL BLOCK DIAGRAM
1
8
2
7
3
6
4
5
OVERTEMPERATURE
PROTECTION
NONINVERTING
INA,
INA
PGND
INB,
INB
SD
OUTA
VDD
OUTB
OTW
VDD
VDD
INVERTING
NONINVERTING
INVERTING
UVLO
VEN
ADP3629/ADP3630/ADP3631
Figure 1.


Similar Part No. - ADP3629ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3623 AD-ADP3623 Datasheet
316Kb / 16P
High Speed, Dual, 4 A MOSFET Driver with Thermal Protection
REV. A
ADP3623ARDZ-RL AD-ADP3623ARDZ-RL Datasheet
316Kb / 16P
High Speed, Dual, 4 A MOSFET Driver with Thermal Protection
REV. A
ADP3623ARHZ-RL AD-ADP3623ARHZ-RL Datasheet
316Kb / 16P
High Speed, Dual, 4 A MOSFET Driver with Thermal Protection
REV. A
ADP3624 AD-ADP3624 Datasheet
316Kb / 16P
High Speed, Dual, 4 A MOSFET Driver with Thermal Protection
REV. A
ADP3624ARDZ AD-ADP3624ARDZ Datasheet
316Kb / 16P
High Speed, Dual, 4 A MOSFET Driver with Thermal Protection
REV. A
More results

Similar Description - ADP3629ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
HIGH SPEED DUAL MOSFET DRIVER
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
High Speed Dual MOSFET Driver
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
Dual, High Speed MOSFET Driver
December 12, 2007
logo
Analog Devices
ADP3654 AD-ADP3654 Datasheet
297Kb / 12P
High Speed, Dual, 4 A MOSFET Driver
REV. 0
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
Dual, High Speed MOSFET Driver
December 16, 2008
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
Dual, High Speed MOSFET Driver
March 17, 2011
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
Dual, High Speed MOSFET Driver
May 30, 2014
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
Dual, High Speed MOSFET Driver
January 29, 2015
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
Dual, High Speed MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com