Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3631ARZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP3631ARZ-R7
Description  High Speed, Dual, 2 A MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3631ARZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP3631ARZ-R7 Datasheet HTML 8Page - Analog Devices ADP3631ARZ-R7 Datasheet HTML 9Page - Analog Devices ADP3631ARZ-R7 Datasheet HTML 10Page - Analog Devices ADP3631ARZ-R7 Datasheet HTML 11Page - Analog Devices ADP3631ARZ-R7 Datasheet HTML 12Page - Analog Devices ADP3631ARZ-R7 Datasheet HTML 13Page - Analog Devices ADP3631ARZ-R7 Datasheet HTML 14Page - Analog Devices ADP3631ARZ-R7 Datasheet HTML 15Page - Analog Devices ADP3631ARZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADP3629/ADP3630/ADP3631
Rev. 0 | Page 12 of 16
OVERTEMPERATURE PROTECTIONS
The ADP3629/ADP3630/ADP3631 provide two levels of over-
temperature protection:
•
Overtemperature warning (OTW)
•
Overtemperature shutdown
The overtemperature warning is an open-drain logic signal and
is active low. In normal operation, when no thermal warning is
present, the signal is high, whereas when the warning threshold
is crossed, the signal is pulled low.
ADP1043
3.3V
VDD
PGND
PGND
FLAGIN
VDD
OTW
OTW
ADP3629/ADP3630/ADP3631
ADP3629/ADP3630/ADP3631
Figure 23. OTW Signaling Scheme Example
The OTW open-drain configuration allows the connection
of multiple devices to the same warning bus in a wire-OR’ed
configuration, as shown in
.
Figure 23
The overtemperature shutdown turns off the device to protect it
in the event that the die temperature exceeds the absolute maxi-
mum limit of 150°C (see Table 2).
SUPPLY CAPACITOR SELECTION
A local bypass capacitor for the supply input (VDD) of the
ADP3629/ADP3630/ADP3631 is recommended to reduce the
noise and to supply some of the peak currents that are drawn.
An improper decoupling can dramatically increase the rise times,
cause excessive resonance on the OUTA and OUTB pins, and, in
some extreme cases, even damage the device due to inductive
overvoltage on the VDD or OUTA/OUTB pins.
The minimum capacitance required is determined by the size of
the gate capacitances being driven, but as a general rule, a 4.7 μF,
low ESR capacitor should be used. Multilayer ceramic chip
(MLCC) capacitors provide the best combination of low ESR
and small size. To further reduce noise, use a smaller ceramic
capacitor (100 nF) with a better high frequency characteristic
in parallel with the main capacitor.
Place the ceramic capacitor as close as possible to the ADP3629/
ADP3630/ADP3631 device and minimize the length of the
traces going from the capacitor to the power pins of the device.
PCB LAYOUT CONSIDERATIONS
Use the following general guidelines when designing printed
circuit boards (PCBs) for the ADP3629/ADP3630/ADP3631:
•
Trace out the high current paths and use short, wide
(>40 mil) traces to make these connections.
•
Minimize trace inductance between the OUTA and OUTB
outputs and the MOSFET gates.
•
Connect the PGND pin as close as possible to the source of
the MOSFETs.
•
Place the VDD bypass capacitor as close as possible to the
VDD and PGND pins.
•
When possible, use vias to other layers to maximize thermal
conduction away from the IC.
Figure 24 shows an example of the typical layout based on the
preceding guidelines.
Figure 24. External Component Placement Example
PARALLEL OPERATION
The two driver channels in the ADP3629 and ADP3630 devices
can be combined to operate in parallel to increase drive capability
and minimize power dissipation in the driver.
The connection scheme for the ADP3630 is shown in Figure 25.
In this configuration, INA and INB are connected together, and
OUTA and OUTB are connected together.
Particular attention must be paid to the layout in this case to
optimize load sharing between the two drivers.
INA
VDD
VDD
PGND
ADP3630
OUTA
OUTB
INB
SD
OTW
1
3
8
7
6
5
A
B
2
4
VDS
Figure 25. Parallel Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com