Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3631ARMZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3631ARMZ-R7
Description  High Speed, Dual, 2 A MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3631ARMZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP3631ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADP3631ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADP3631ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADP3631ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADP3631ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADP3631ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADP3631ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADP3631ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADP3631ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADP3629/ADP3630/ADP3631
Rev. 0 | Page 4 of 16
TIMING DIAGRAMS
SD
OUTA,
OUTB
90%
tdL_SD
10%
tdH_SD
Figure 2. Shutdown Timing Diagram
INA,
INB
OUTA,
OUTB
tD1
tRISE
10%
90%
10%
90%
VIH
VIL
tD2
tFALL
Figure 3. Output Timing Diagram (Noninverting)
INA,
INB
OUTA,
OUTB
tD1
tRISE
10%
90%
10%
90%
VIL
VIH
tD2
tFALL
Figure 4. Output Timing Diagram (Inverting)
NORMAL OPERATION
UVLO MODE
OUTPUTS DISABLED
VDD
VUVLO_ON
VUVLO_OFF
UVLO MODE
OUTPUTS DISABLED
Figure 5. UVLO Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com