Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-R2131F Datasheet(PDF) 4 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-R2131F
Description  LED LAMPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-R2131F Datasheet(HTML) 4 Page - BRIGHT LED ELECTRONICS CORP

  BL-R2131F Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-R2131F Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-R2131F Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-R2131F Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-R2131F Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
    
  



 
 
 

 
  !
 ""#
$    %
 &'  & (#)
(*  
 (+'
,
-.' 
-.' -/
.
   #%
$    %
("
-(0101
 (+'
,
-.' 
.
 ""#"
$    %
-.' (
 (+'
,
2

& 
.
$  % & (
 (+'
,
 /.    
 
 ""#
$    )3
# 4  4 " 4 
#  # 
 (/
,
' '5
   
 
 ""#
 4 
 
 (/
,
 
    )
  #
$    )
6( !
& (6
,
7/
    "
   !
 ""# #
$    )
6( #
& (6
,
28

 %. 
  #!
$    )
4047 + # /
9.' .
,
$*:2;  2) < <)*2 < -2 2)% =
. 
/7
. 
$.   
<& 8.
><
<( )
8 *?6
8 

>(>
8 *?
 /
>
<( )
%& ?6
; 6*  '     '6    86
6 ' 7 5 7& '   '   '8 7 
  7     ' 6
@):2 3
2>; 6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com