Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6346-44ARTZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM6346-44ARTZ-R7
Description  Ultralow Power, 3-Lead, SOT-23 Microprocessor Reset Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6346-44ARTZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM6346-44ARTZ-R7 Datasheet HTML 3Page - Analog Devices ADM6346-44ARTZ-R7 Datasheet HTML 4Page - Analog Devices ADM6346-44ARTZ-R7 Datasheet HTML 5Page - Analog Devices ADM6346-44ARTZ-R7 Datasheet HTML 6Page - Analog Devices ADM6346-44ARTZ-R7 Datasheet HTML 7Page - Analog Devices ADM6346-44ARTZ-R7 Datasheet HTML 8Page - Analog Devices ADM6346-44ARTZ-R7 Datasheet HTML 9Page - Analog Devices ADM6346-44ARTZ-R7 Datasheet HTML 10Page - Analog Devices ADM6346-44ARTZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADM6326/ADM6328/ADM6346/ADM6348
Rev. 0 | Page 7 of 12
THEORY OF OPERATION
The ADM6326/ADM6328/ADM6346/ADM6348 are designed
to protect the integrity of a system’s operation by ensuring the
proper operation of the system during power-up, power-down,
and brownout conditions. Ultralow supply currents make these
devices particularly suitable for use in low power, portable
equipment.
RESET OUTPUT
The ADM6326 and ADM6346 have an active low, push-pull
reset output, whereas the ADM6328 and ADM6348 have an
active low, open-drain reset output, which requires an external
pull-up resistor. The RESET signal is guaranteed to be valid for
VCC down to 1 V.
When the ADM6326/ADM6328/ADM6346/ADM6348 are
powered up, the RESET output remains low for a period typically
equal to the RESET active timeout period of 185 ms. This feature
allows adequate time for the system to power up correctly and
for the power supply to stabilize before any devices are brought out
of reset and are allowed to begin executing instructions. Initializing
a system in this way provides a more reliable startup for micro-
processor systems.
When the monitored voltage falls below its associated threshold
(VTH), RESET is asserted within 20 μs (typical). Asserting RESET
this quickly means that the entire system can be reset at once
before any part of the system’s voltage falls below its recommended
operating voltage. This system reset can avoid dangerous and/or
erroneous operation of a microprocessor based system.
INTERFACING TO OTHER DEVICES
The active low, open-drain reset output of the ADM6328 and
ADM6348 makes these devices ideal for integration with devices
such as microprocessors with bidirectional reset pins. Simply
connect the RESET output of the ADM6328 or ADM6348 to
the RESET input of the microprocessor using a single pull-up
resistor to allow either device to initiate a system reset (see
).
Figure 8
ADM6328/ADM6348
VCC
VCC
GND
RESET
MICROPROCESSOR
SYSTEM
VCC
GND
RPULL-UP
RESET
INPUT
Figure 8. Interfacing to a Microprocessor with a Bidirectional Reset Pin
TRANSIENT IMMUNITY
To avoid unnecessary resets caused by fast power supply transients,
the ADM6326/ADM6328/ADM6346/ADM6348 provide glitch
immunity from negative-going VCC transients.
Figure 5 shows the RESET comparator overdrive (that is, the
maximum magnitude of negative-going pulses with respect to
the typical threshold) vs. the pulse duration without a reset.
VCC
VCC
VTH
VTH
tRD
tRP
VCC
0V
0V
1V
RESET
Figure 9. RESET Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com