Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6346-45ARTZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM6346-45ARTZ-R7
Description  Ultralow Power, 3-Lead, SOT-23 Microprocessor Reset Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6346-45ARTZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM6346-45ARTZ-R7 Datasheet HTML 2Page - Analog Devices ADM6346-45ARTZ-R7 Datasheet HTML 3Page - Analog Devices ADM6346-45ARTZ-R7 Datasheet HTML 4Page - Analog Devices ADM6346-45ARTZ-R7 Datasheet HTML 5Page - Analog Devices ADM6346-45ARTZ-R7 Datasheet HTML 6Page - Analog Devices ADM6346-45ARTZ-R7 Datasheet HTML 7Page - Analog Devices ADM6346-45ARTZ-R7 Datasheet HTML 8Page - Analog Devices ADM6346-45ARTZ-R7 Datasheet HTML 9Page - Analog Devices ADM6346-45ARTZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADM6326/ADM6328/ADM6346/ADM6348
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
VCC = 3.3V
VCC = 5V
VCC = 1.4V
Figure 4. Supply Current vs. Temperature
0
100
200
300
400
500
600
700
800
1
10
100
1000
RESET THRESHOLD OVERDRIVE, VTH – VCC (mV)
Figure 5. Maximum Transient Duration vs. Reset Threshold Overdrive
100
120
140
160
180
200
220
240
260
280
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
Figure 6. Power-Up Reset Timeout vs. Temperature
TEMPERATURE (°C)
0
50
100
150
200
250
–40
–20
0
20
40
80
60
VOD = 10mV
VOD = 100mV
VOD = 20mV
VOD = 200mV
Figure 7. Power-Down Reset Delay vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com