Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-R3132H Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-R3132H
Description  Chip material: GaAsP/GaP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-R3132H Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-R3132H Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-R3132H Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--R
R3
31
13
32
2H
H
Ver.1.0 Page 1 of 2
SINCE 1981
5.6(.220)
5.0(.197)
4.0(.157)
0.5(.020) .TYP
3.6(.142)
2.0(.079)
1.5(.059)
MAX.
1.0(.039) MIN.
40.0(1.57) MIN.
2.54(.10)
NOM.
5.1(.201)
4.0(.157)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.25mm (0.01”) unless otherwise specified.
3. Lead spacing is measured where the leads emerge from
the package.
4. Specifications are subject to change without notice.
● Features:
●Package dimensions:
1. Chip material: GaAsP/GaP
2. Emitted color : Yellow
3. Lens Appearance : Yellow Diffused
4. Low power consumption.
5. Most suitable for use like level indicator.
6. Excellent uniformity of light emittance.
7. Long life solid state reliability.
8. Compatible.
● Applications:
1. TV set
2. Monitor
3. Telephone
4. Computer
5. Circuit board
● Absolute maximum ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
80
mW
Forward Current
IF
30
mA
Peak Forward Current*
1
IFP
150
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40℃~80℃
Storage Temperature
Tstg
-40℃~85℃
Soldering Temperature
Tsol
260℃(for 5 seconds)
*
1Condition for I
FP is pulse of 1/10 duty and 0.1msec width.
PDF 檔案以 pdfFactory Pro 試用版建立 www.pdffactory.com


Similar Part No. - BL-R3132H

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-R3132H YSTONE-BL-R3132H Datasheet
641Kb / 2P
STANDARD LED LAMPS(RECTANGULAR TYPES)
More results

Similar Description - BL-R3132H

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-B3132-AT BRIGHT-BL-B3132-AT Datasheet
173Kb / 3P
Chip material: GaAsP/GaP
BL-B3133N-AT BRIGHT-BL-B3133N-AT Datasheet
149Kb / 3P
Chip material: GaAsP/GaP
BL-B3134-AA-AV BRIGHT-BL-B3134-AA-AV Datasheet
145Kb / 3P
Chip material: GaAsP/GaP
BL-B3134-S-AT BRIGHT-BL-B3134-S-AT Datasheet
136Kb / 3P
Chip material: GaAsP /GaP
BL-B3141N-AT BRIGHT-BL-B3141N-AT Datasheet
159Kb / 3P
Chip material: GaAsP/GaP
BL-B3441 BRIGHT-BL-B3441 Datasheet
145Kb / 2P
Chip material: GaAsP/GaP
BL-BEG202 BRIGHT-BL-BEG202 Datasheet
192Kb / 2P
Chip material: GaAsP/GaP
BL-BVT204-S-TBS18T BRIGHT-BL-BVT204-S-TBS18T Datasheet
149Kb / 3P
Chip material: GaAsP/GaP
BL-R3139B BRIGHT-BL-R3139B Datasheet
132Kb / 2P
Chip material: GaAsP /GaP
BL-R4532N BRIGHT-BL-R4532N Datasheet
157Kb / 2P
Chip material: GaAsP/GaP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com