Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6346-46ARTZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM6346-46ARTZ-R7
Description  Ultralow Power, 3-Lead, SOT-23 Microprocessor Reset Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6346-46ARTZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM6346-46ARTZ-R7 Datasheet HTML 4Page - Analog Devices ADM6346-46ARTZ-R7 Datasheet HTML 5Page - Analog Devices ADM6346-46ARTZ-R7 Datasheet HTML 6Page - Analog Devices ADM6346-46ARTZ-R7 Datasheet HTML 7Page - Analog Devices ADM6346-46ARTZ-R7 Datasheet HTML 8Page - Analog Devices ADM6346-46ARTZ-R7 Datasheet HTML 9Page - Analog Devices ADM6346-46ARTZ-R7 Datasheet HTML 10Page - Analog Devices ADM6346-46ARTZ-R7 Datasheet HTML 11Page - Analog Devices ADM6346-46ARTZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADM6326/ADM6328/ADM6346/ADM6348
Rev. 0 | Page 9 of 12
ORDERING GUIDE
Model1
Typical Threshold
Voltage (TA = 25°C)
RESET Output
Structure
Package Description
Package Option
Branding
ADM6326-22ARTZ-R72, 3
2.2 V
Push-Pull
3-Lead SOT-23
RT-3
LAQ
ADM6326-23ARTZ-R72
2.32 V
Push-Pull
3-Lead SOT-23
RT-3
LAR
ADM6326-24ARTZ-R72
2.4 V
Push-Pull
3-Lead SOT-23
RT-3
LAS
ADM6326-25ARTZ-R72
2.5 V
Push-Pull
3-Lead SOT-23
RT-3
LAT
ADM6326-26ARTZ-R72
2.63 V
Push-Pull
3-Lead SOT-23
RT-3
LAU
ADM6326-27ARTZ-R72
2.7 V
Push-Pull
3-Lead SOT-23
RT-3
LAV
ADM6326-28ARTZ-R72
2.8 V
Push-Pull
3-Lead SOT-23
RT-3
LAW
ADM6326-29ARTZ-R72
2.93 V
Push-Pull
3-Lead SOT-23
RT-3
LAX
ADM6326-30ARTZ-R72
3.0 V
Push-Pull
3-Lead SOT-23
RT-3
LAY
ADM6326-31ARTZ-R72
3.08 V
Push-Pull
3-Lead SOT-23
RT-3
LAZ
ADM6328-22ARTZ-R72
2.2 V
Open-Drain
3-Lead SOT-23
RT-3
LB0
ADM6328-23ARTZ-R72
2.32 V
Open-Drain
3-Lead SOT-23
RT-3
LB1
ADM6328-24ARTZ-R72
2.4 V
Open-Drain
3-Lead SOT-23
RT-3
LB2
ADM6328-25ARTZ-R72
2.5 V
Open-Drain
3-Lead SOT-23
RT-3
LB3
ADM6328-26ARTZ-R72
2.63 V
Open-Drain
3-Lead SOT-23
RT-3
LB4
ADM6328-27ARTZ-R72
2.7 V
Open-Drain
3-Lead SOT-23
RT-3
LB5
ADM6328-28ARTZ-R72, 3
2.8 V
Open-Drain
3-Lead SOT-23
RT-3
LB6
ADM6328-29ARTZ-R72
2.93 V
Open-Drain
3-Lead SOT-23
RT-3
LB7
ADM6328-30ARTZ-R72
3.0 V
Open-Drain
3-Lead SOT-23
RT-3
LB8
ADM6328-31ARTZ-R72
3.08 V
Open-Drain
3-Lead SOT-23
RT-3
LB9
ADM6346-33ARTZ-R72, 3
3.3 V
Push-Pull
3-Lead SOT-23
RT-3
LBA
ADM6346-34ARTZ-R72
3.4 V
Push-Pull
3-Lead SOT-23
RT-3
LBC
ADM6346-35ARTZ-R72
3.5 V
Push-Pull
3-Lead SOT-23
RT-3
LBD
ADM6346-36ARTZ-R72
3.6 V
Push-Pull
3-Lead SOT-23
RT-3
LBE
ADM6346-37ARTZ-R72
3.7 V
Push-Pull
3-Lead SOT-23
RT-3
LBF
ADM6346-38ARTZ-R72
3.8 V
Push-Pull
3-Lead SOT-23
RT-3
LBG
ADM6346-39ARTZ-R72
3.9 V
Push-Pull
3-Lead SOT-23
RT-3
LBH
ADM6346-40ARTZ-R72
3.0 V
Push-Pull
3-Lead SOT-23
RT-3
LCN
ADM6346-41ARTZ-R72
4.1 V
Push-Pull
3-Lead SOT-23
RT-3
LCP
ADM6346-42ARTZ-R72
4.2 V
Push-Pull
3-Lead SOT-23
RT-3
LCQ
ADM6346-43ARTZ-R72
4.3 V
Push-Pull
3-Lead SOT-23
RT-3
LCR
ADM6346-44ARTZ-R72
4.38 V
Push-Pull
3-Lead SOT-23
RT-3
LCS
ADM6346-45ARTZ-R72
4.5 V
Push-Pull
3-Lead SOT-23
RT-3
LCT
ADM6346-46ARTZ-R72
4.63 V
Push-Pull
3-Lead SOT-23
RT-3
LCU
ADM6348-33ARTZ-R72
3.3 V
Open-Drain
3-Lead SOT-23
RT-3
LCV
ADM6348-34ARTZ-R72
3.4 V
Open-Drain
3-Lead SOT-23
RT-3
LCW
ADM6348-35ARTZ-R72
3.5 V
Open-Drain
3-Lead SOT-23
RT-3
LCX
ADM6348-36ARTZ-R72
3.6 V
Open-Drain
3-Lead SOT-23
RT-3
LCY
ADM6348-37ARTZ-R72
3.7 V
Open-Drain
3-Lead SOT-23
RT-3
LCZ
ADM6348-38ARTZ-R72
3.8 V
Open-Drain
3-Lead SOT-23
RT-3
LD0
ADM6348-39ARTZ-R72
3.9 V
Open-Drain
3-Lead SOT-23
RT-3
LD1
ADM6348-40ARTZ-R72
3.0 V
Open-Drain
3-Lead SOT-23
RT-3
LD2
ADM6348-41ARTZ-R72
4.1 V
Open-Drain
3-Lead SOT-23
RT-3
LD3
ADM6348-42ARTZ-R72
4.2 V
Open-Drain
3-Lead SOT-23
RT-3
LD4
ADM6348-43ARTZ-R72
4.3 V
Open-Drain
3-Lead SOT-23
RT-3
LD5
ADM6348-44ARTZ-R72
4.38 V
Open-Drain
3-Lead SOT-23
RT-3
LD6
ADM6348-45ARTZ-R72
4.5 V
Open-Drain
3-Lead SOT-23
RT-3
LD7
ADM6348-46ARTZ-R72, 3
4.63 V
Open-Drain
3-Lead SOT-23
RT-3
LD8
1 Contact sales for the availability of nonstandard models.
2 Z = RoHS Compliant Part.
3 Standard model.
`



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com