Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-R4532N Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-R4532N
Description  Chip material: GaAsP/GaP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-R4532N Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-R4532N Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-R4532N Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--R
R4
45
53
32
2N
N
Ver.2.0 Page: 1 of 2
SINCE 1981
5.05(.198)
NOM.
25.4(1.0) MIN.
1.0(.039) MIN.
0.5(.02)
SQ. TYP.
2.54(.10)
MAX.
7.0(.276)
1.5(.059)
5.0(.197)
1.9(.075)
2.0(.079)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (0.01”) unless otherwise specified.
3. Lead spacing is measured where the leads emerge from
the package.
4. Specifications are subject to change without notice.
● Features:
● Package dimensions
1. Chip material: GaAsP/GaP
2. Emitted color : Hi-Eff Red
3. Lens Appearance : Red Diffused
4. Cylindrical shape.
5. Most suitable for use like level indicator.
6. Excellent uniformity of light emittance.
7. Long life solid state reliability.
8. Compatible.
9. This product don’t contained restriction
substance, compliance ROHS standard.
● Applications:
1. TV set
2. Monitor
3. Telephone
4. Computer
5. Circuit board
● Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
80
mW
Forward Current
IF
30
mA
Peak Forward Current*1
IFP
150
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40℃~80℃
Storage Temperature
Tstg
-40℃~85℃
Soldering Temperature
Tsol
260℃(for 5 seconds)
*1Condition for IFP is pulse of 1/10 duty and 0.1msec width.


Similar Part No. - BL-R4532N

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-R4532A-T YSTONE-BL-R4532A-T Datasheet
178Kb / 2P
STANDARD LED LAMPS(RECTANGULAR TYPES)
logo
BRIGHT LED ELECTRONICS ...
BL-R4532A-T BRIGHT-BL-R4532A-T Datasheet
131Kb / 2P
GaAsP/GaP Hi-Eff Red Low power consumption.
logo
Yellow Stone Corp
BL-R4532B YSTONE-BL-R4532B Datasheet
401Kb / 4P
STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-R4532B YSTONE-BL-R4532B Datasheet
178Kb / 2P
STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-R4532C YSTONE-BL-R4532C Datasheet
401Kb / 4P
STANDARD LED LAMPS (RECTANGULAR TYPES)
More results

Similar Description - BL-R4532N

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-B3132-AT BRIGHT-BL-B3132-AT Datasheet
173Kb / 3P
Chip material: GaAsP/GaP
BL-B3133N-AT BRIGHT-BL-B3133N-AT Datasheet
149Kb / 3P
Chip material: GaAsP/GaP
BL-B3134-AA-AV BRIGHT-BL-B3134-AA-AV Datasheet
145Kb / 3P
Chip material: GaAsP/GaP
BL-B3134-S-AT BRIGHT-BL-B3134-S-AT Datasheet
136Kb / 3P
Chip material: GaAsP /GaP
BL-B3141N-AT BRIGHT-BL-B3141N-AT Datasheet
159Kb / 3P
Chip material: GaAsP/GaP
BL-B3441 BRIGHT-BL-B3441 Datasheet
145Kb / 2P
Chip material: GaAsP/GaP
BL-BEG202 BRIGHT-BL-BEG202 Datasheet
192Kb / 2P
Chip material: GaAsP/GaP
BL-BVT204-S-TBS18T BRIGHT-BL-BVT204-S-TBS18T Datasheet
149Kb / 3P
Chip material: GaAsP/GaP
BL-R3132H BRIGHT-BL-R3132H Datasheet
119Kb / 2P
Chip material: GaAsP/GaP
BL-R3139B BRIGHT-BL-R3139B Datasheet
132Kb / 2P
Chip material: GaAsP /GaP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com