Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6348-40ARTZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM6348-40ARTZ-R7
Description  Ultralow Power, 3-Lead, SOT-23 Microprocessor Reset Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6348-40ARTZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADM6348-40ARTZ-R7 Datasheet HTML 1Page - Analog Devices ADM6348-40ARTZ-R7 Datasheet HTML 2Page - Analog Devices ADM6348-40ARTZ-R7 Datasheet HTML 3Page - Analog Devices ADM6348-40ARTZ-R7 Datasheet HTML 4Page - Analog Devices ADM6348-40ARTZ-R7 Datasheet HTML 5Page - Analog Devices ADM6348-40ARTZ-R7 Datasheet HTML 6Page - Analog Devices ADM6348-40ARTZ-R7 Datasheet HTML 7Page - Analog Devices ADM6348-40ARTZ-R7 Datasheet HTML 8Page - Analog Devices ADM6348-40ARTZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADM6326/ADM6328/ADM6346/ADM6348
Rev. 0 | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage, VCC
−0.3 V to +6 V
Input Current, ICC
20 mA
Output Voltage
Push-Pull RESET
−0.3 V to (VCC + 0.3 V)
Open-Drain RESET
−0.3 V to +6 V
Output Current (RESET)
20 mA
Rate of Rise of VCC
100 V/
μs
Temperature
Storage
−65°C to +155°C
Operating
−40°C to +85°C
Soldering (10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
Unit
3-Lead SOT-23
270
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com