Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-RUB139B Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-RUB139B
Description  CHIP MATERIAL:AIGAAS/GAAS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-RUB139B Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-RUB139B Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-RUB139B Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image






















     




 






 






    
   
! "   "
#"
$%&'"

 3/ 4#  05 1 44
 
    
!"" #
$! % % " "
&' ( )*" 
+,"" - "
.! " (-
/ (



 2"04#
0
' " 
0 "  
$  
&( 






2.4"3 1*131/467'(


8

 


 %# "

/
1
2 %"
3


)2 %"43
&

*&

5"0
0 
6$7/

 0
0
6$7/&

 "0
0 
+8 & "9

4 " " 3 -"%



Similar Part No. - BL-RUB139B

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-R1115 YSTONE-BL-R1115 Datasheet
505Kb / 2P
STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-R1122 YSTONE-BL-R1122 Datasheet
178Kb / 2P
STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-R1122N YSTONE-BL-R1122N Datasheet
641Kb / 2P
STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-R1122Z YSTONE-BL-R1122Z Datasheet
176Kb / 2P
STANDARD LED LAMP(RECTANGULAR TYPE)
BL-R1130 YSTONE-BL-R1130 Datasheet
372Kb / 2P
STANDARD LED LAMPS (RECTANGULAR TYPES)
More results

Similar Description - BL-RUB139B

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-BD1X0209 BRIGHT-BL-BD1X0209 Datasheet
122Kb / 2P
Chip material: AlGaAs/GaAs
BL-BUBGE301 BRIGHT-BL-BUBGE301 Datasheet
124Kb / 2P
Chip material: AlGaInP/GaAs
logo
NEC
MC-7891 NEC-MC-7891 Datasheet
64Kb / 6P
GaAs MULTI-CHIP MODULE
MC-7896 NEC-MC-7896 Datasheet
64Kb / 6P
GaAs MULTI-CHIP MODULE
logo
Quanzhou Jinmei Electro...
MC-7896 JMNIC-MC-7896_15 Datasheet
64Kb / 6P
GaAs MULTI-CHIP MODULE
logo
Renesas Technology Corp
MC-7831-HA RENESAS-MC-7831-HA Datasheet
264Kb / 8P
GaAs MULTI-CHIP MODULE
2007
MC-7833 RENESAS-MC-7833 Datasheet
279Kb / 8P
GaAs MULTI-CHIP MODULE
2006
MC-7836 RENESAS-MC-7836 Datasheet
279Kb / 8P
GaAs MULTI-CHIP MODULE
2008
MC-7847 RENESAS-MC-7847 Datasheet
191Kb / 8P
GaAs MULTI-CHIP MODULE
2006
MC-7883 RENESAS-MC-7883 Datasheet
280Kb / 8P
GaAs MULTI-CHIP MODULE
2002
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com